Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR-CSSRML-24 Datasheet (PDF) - ams-OSRAM AG

GR-CSSRML-24 Datasheet PDF - ams-OSRAM AG
Part # GR-CSSRML-24
Download  GR-CSSRML-24 Download
File Size   1765.39 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Optimal

GR-CSSRML-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GR-CSSRML-24 Datasheet PDF - ams-OSRAM AG

Part # GR-CSSRML-24
Download  GR-CSSRML-24 Click to download

File Size   1765.39 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Optimal

GR-CSSRML-24 Datasheet (HTML) - ams-OSRAM AG


GR-CSSRML-24 Product details

Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 485 mW (color bin 5-7)
- Radiant effciency: typ 66.3%
- Photon Flux: typ. 2.58 umol/s
- Photon Flux Efficacy: typ. 3.53 umol/J





Similar Part No. - GR-CSSRML-24

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GR-CS8PM1-23 AMSOSRAM-GR-CS8PM1-23 Datasheet
1Mb / 22P
OSLON® SSL 80
Version 1.9 2023-08-25
logo
OSRAM GmbH
GR-CS8PM1.23 OSRAM-GR-CS8PM1.23 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
logo
ams-OSRAM AG
GR-CSHPM1-23 AMSOSRAM-GR-CSHPM1-23 Datasheet
1Mb / 22P
OSLON® SSL 150
Version 1.17 2023-11-10
logo
OSRAM GmbH
GR-CSHPM1.23 OSRAM-GR-CSHPM1.23 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
More results


Similar Description - GR-CSSRML-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
Optimal cooling performance.
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
Optimal cooling performance
logo
OSRAM GmbH
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com