Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT3000 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT3000 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT3000
Download  FMMT3000 Download
File Size   654.22 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Zero Biased Waveguide Detector WR-10 to SMA Female and Negative Video Out from 75 GHz to 100 GHz W Band, UG-387/U Round Cover Flange

FMMT3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT3000 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT3000
Download  FMMT3000 Click to download

File Size   654.22 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Zero Biased Waveguide Detector WR-10 to SMA Female and Negative Video Out from 75 GHz to 100 GHz W Band, UG-387/U Round Cover Flange

FMMT3000 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT3000 Product details

Features
• Frequency: 75 GHz to 100 GHz
• Sensitivity: -500 mV/mW
• Minimum; -900 mV/mW Typical
• Maximum Power Input 20 dBm
• RF Connector WR-10 Waveguide
• with UG 387/U Flange
• Applications:
• Test Lab
• Military Communications
• Commercial Communications




Similar Part No. - FMMT3000

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT3002 FAIRVIEW-FMMT3002 Datasheet
702Kb / 3P
Zero Biased Waveguide Detector WR-15 to SMA Female and Negative Video Out From 50 GHz to 75 GHz V Band, UG-385/U Round Cover Flange
REV 1.2
FMMT3007 FAIRVIEW-FMMT3007 Datasheet
689Kb / 3P
WR-28 Waveguide Power Detector, Ka Band, 26.5 GHz to 40 GHz, Positive Output Voltage Polarity, UG-599/U Flange
REV 1A
FMMT3008 FAIRVIEW-FMMT3008 Datasheet
716Kb / 3P
WR-22 Waveguide Power Detector, Q Band, 33 GHz to 50 GHz, Positive Output Voltage Polarity, UG- 383/U Flange
REV 1A
FMMT3009 FAIRVIEW-FMMT3009 Datasheet
717Kb / 3P
WR-19 Waveguide Power Detector, U Band, 40 GHz to 60 GHz, Positive Output Voltage Polarity, UG-383/ U-M Flange
REV 1A
More results


Similar Description - FMMT3000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T3000 PASTERNACK-PE80T3000 Datasheet
378Kb / 3P
Zero Biased W Band Waveguide Detector, WR-10, Negative Video Out, 75 GHz to 100 GHz, UG-387-U
PEWCA1010 PASTERNACK-PEWCA1010 Datasheet
367Kb / 3P
WR-112 UG-51/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PEWCA1014 PASTERNACK-PEWCA1014 Datasheet
369Kb / 3P
WR-137 UG-344/U Round Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 5.85 GHz to 8.2 GHz, C Band
PEWMT1000 PASTERNACK-PEWMT1000 Datasheet
513Kb / 3P
WR-10 Waveguide Magic Tee, UG-387/U-Mod Round Cover Flange Operating from 75 GHz to 110 GHz
PEWMT1002 PASTERNACK-PEWMT1002 Datasheet
512Kb / 3P
WR-15 Waveguide Magic Tee, UG-385/U Round Cover Flange Operating from 50 GHz to 75 GHz
PE-W10CA001 PASTERNACK-PE-W10CA001 Datasheet
403Kb / 4P
WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Female Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
PE-W10CA002 PASTERNACK-PE-W10CA002 Datasheet
406Kb / 4P
WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Male Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
PE-W12CA001 PASTERNACK-PE-W12CA001 Datasheet
407Kb / 4P
WR-12 UG-387/U Round Cover Flange to 1.0mm Female Waveguide to Coax Adapter Operating From 60 GHz to 90 GHz, E Band
PEWAD5000 PASTERNACK-PEWAD5000 Datasheet
367Kb / 3P
WR-10 Waveguide Bulkhead Adapter UG-387/U-Mod Round Cover Flange, 75 GHz to 110 GHz
PEWAD5002 PASTERNACK-PEWAD5002 Datasheet
366Kb / 3P
WR-15 Waveguide Bulkhead Adapter UG-385/U Round Cover Flange, 50 GHz to 75 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com