Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT3002 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT3002 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT3002
Download  FMMT3002 Download
File Size   702.41 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Zero Biased Waveguide Detector WR-15 to SMA Female and Negative Video Out From 50 GHz to 75 GHz V Band, UG-385/U Round Cover Flange

FMMT3002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT3002 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT3002
Download  FMMT3002 Click to download

File Size   702.41 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Zero Biased Waveguide Detector WR-15 to SMA Female and Negative Video Out From 50 GHz to 75 GHz V Band, UG-385/U Round Cover Flange

FMMT3002 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT3002 Product details

Features
• Frequency: 50 GHz to 75 GHz
• Sensitivity: -700 mV/mW
• Minimum; -1000 mV/mW Typical
• Maximum Power Input 20 dBm
• RF Connector WR-15 Waveguide
• with UG 385/U Flange
• Applications:
• Test Lab
• Military Communications
• Commercial Communications




Similar Part No. - FMMT3002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT3000 FAIRVIEW-FMMT3000 Datasheet
654Kb / 3P
Zero Biased Waveguide Detector WR-10 to SMA Female and Negative Video Out from 75 GHz to 100 GHz W Band, UG-387/U Round Cover Flange
REV 1.1
FMMT3007 FAIRVIEW-FMMT3007 Datasheet
689Kb / 3P
WR-28 Waveguide Power Detector, Ka Band, 26.5 GHz to 40 GHz, Positive Output Voltage Polarity, UG-599/U Flange
REV 1A
FMMT3008 FAIRVIEW-FMMT3008 Datasheet
716Kb / 3P
WR-22 Waveguide Power Detector, Q Band, 33 GHz to 50 GHz, Positive Output Voltage Polarity, UG- 383/U Flange
REV 1A
FMMT3009 FAIRVIEW-FMMT3009 Datasheet
717Kb / 3P
WR-19 Waveguide Power Detector, U Band, 40 GHz to 60 GHz, Positive Output Voltage Polarity, UG-383/ U-M Flange
REV 1A
More results


Similar Description - FMMT3002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W15B001 PASTERNACK-PE-W15B001 Datasheet
342Kb / 2P
WR-15 Instrumentation Grade Waveguide E-Bend with UG-385-U Flange Operating from 50 GHz to 75 GHz
PE-W15B002 PASTERNACK-PE-W15B002 Datasheet
342Kb / 2P
WR-15 Instrumentation Grade Waveguide H-Bend with UG-385-U Flange Operating from 50 GHz to 75 GHz
PE80T3000 PASTERNACK-PE80T3000 Datasheet
378Kb / 3P
Zero Biased W Band Waveguide Detector, WR-10, Negative Video Out, 75 GHz to 100 GHz, UG-387-U
PE-W15CA002 PASTERNACK-PE-W15CA002 Datasheet
443Kb / 4P
WR-15 With UG-385 - U Flange to 1.85mm Male Waveguide to Coax Adapter Operating From 50 GHz to 65 GHz V Band
PE9881A-20 PASTERNACK-PE9881A-20 Datasheet
344Kb / 3P
WR-15 Waveguide Horn Antenna Operating From 50 GHz to 75 GHz With a Nominal 20 dBi Gain With UG-385/U Round Cover Flange
PEWMT1002 PASTERNACK-PEWMT1002 Datasheet
512Kb / 3P
WR-15 Waveguide Magic Tee, UG-385/U Round Cover Flange Operating from 50 GHz to 75 GHz
PE-W15AT5001 PASTERNACK-PE-W15AT5001 Datasheet
537Kb / 5P
WR-15 Waveguide Direct Read Attenuator, 0 to 50 dB, From 50 GHz to 75 GHz, UG-385/U Round Cover Flange, Dial
PE-W15PS1001 PASTERNACK-PE-W15PS1001 Datasheet
469Kb / 4P
0 to 180 Degree WR-15 Waveguide Phase Shifter, From 50 GHz to 75 GHz, With a UG-385/U Round Cover Flange
PE-W15TW1001 PASTERNACK-PE-W15TW1001 Datasheet
405Kb / 3P
WR-15 90 Degree Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PEWAD5002 PASTERNACK-PEWAD5002 Datasheet
366Kb / 3P
WR-15 Waveguide Bulkhead Adapter UG-385/U Round Cover Flange, 50 GHz to 75 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com