Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT3009 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT3009 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT3009
Download  FMMT3009 Download
File Size   717.28 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-19 Waveguide Power Detector, U Band, 40 GHz to 60 GHz, Positive Output Voltage Polarity, UG-383/ U-M Flange

FMMT3009 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT3009 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT3009
Download  FMMT3009 Click to download

File Size   717.28 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-19 Waveguide Power Detector, U Band, 40 GHz to 60 GHz, Positive Output Voltage Polarity, UG-383/ U-M Flange

FMMT3009 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT3009 Product details

Features
• Voltage Polarity. Impressive typical performacne includes Video Sensitivity of
• 1100 mV/mW with +/- 2dB flatness, Tangential Sensitivity of -50 dBm, Input
• Dynamic Range of -55 dBm to +10 dBm, and Detection Speed Rise Time of 5
• nsec. Maximum input power handling is +17 dBm. The rugged and small size
• Brass package design is gold plated and supports a UG-383/U-M waveguide flange
• pattern at RF input and output ports. The DC output port uses an SMA Female
• connector. The module operates across a temperature range from 0°C to +50°C.
Features
• WR-19 Waveguide
• Power Detector
• 40 GHz to 60 GHz
• U Band
• Positive Output Voltage Polarity
• Voltage Sensitivity 1100 mV/mW
• Sensitivity Flatness +/- 2dB typ
• Tangential Sensitivity
• -50 dBm typ
• Input Dynamic Range
• -55 dBm to +10 dBm
• Detection Speed Rise
• Time 5 nsec typ
• Max RF Input Power +17 dBm
• 50 Ohm Design
• RF Input and Output Waveguide
• Flange UG-383/U-M
• SMA Female DC Output Port
• Operational Temperature
• Range -0°C to +50°C
• Rugged and Compact Brass
• Gold Plated Package Design
• Applications:
• Military & Space
• R&D Labs
• Communicatoin Systems
• Radar Systems
• Microwave Radio Systems
• RF Wideband Front Ends
• Test Instrumentation




Similar Part No. - FMMT3009

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT3000 FAIRVIEW-FMMT3000 Datasheet
654Kb / 3P
Zero Biased Waveguide Detector WR-10 to SMA Female and Negative Video Out from 75 GHz to 100 GHz W Band, UG-387/U Round Cover Flange
REV 1.1
FMMT3002 FAIRVIEW-FMMT3002 Datasheet
702Kb / 3P
Zero Biased Waveguide Detector WR-15 to SMA Female and Negative Video Out From 50 GHz to 75 GHz V Band, UG-385/U Round Cover Flange
REV 1.2
FMMT3007 FAIRVIEW-FMMT3007 Datasheet
689Kb / 3P
WR-28 Waveguide Power Detector, Ka Band, 26.5 GHz to 40 GHz, Positive Output Voltage Polarity, UG-599/U Flange
REV 1A
FMMT3008 FAIRVIEW-FMMT3008 Datasheet
716Kb / 3P
WR-22 Waveguide Power Detector, Q Band, 33 GHz to 50 GHz, Positive Output Voltage Polarity, UG- 383/U Flange
REV 1A
More results


Similar Description - FMMT3009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W19CP001-20 PASTERNACK-PE-W19CP001-20 Datasheet
522Kb / 6P
WR-19 20 dB Directional Waveguide Coupler With UG-383 - U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
PEWIR1003 PASTERNACK-PEWIR1003 Datasheet
580Kb / 5P
WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB min Isolation, UG-383/U-Mod Round Cover Flange
PEWMT1003 PASTERNACK-PEWMT1003 Datasheet
506Kb / 3P
WR-19 Waveguide Magic Tee, UG-383/U-Mod Round Cover Flange Operating from 40 GHz to 60 GHz
PE-W19AT5001 PASTERNACK-PE-W19AT5001 Datasheet
537Kb / 5P
WR-19 Waveguide Direct Read Attenuator, 0 to 50 dB, From 40 GHz to 60 GHz, UG-383/U-Mod Round Cover Flange, Dial
PE-W19CP001-10 PASTERNACK-PE-W19CP001-10 Datasheet
521Kb / 6P
WR-19 10 dB Directional Waveguide Coupler With UG-383/U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band
PE-W19TS22001 PASTERNACK-PE-W19TS22001 Datasheet
426Kb / 4P
WR-19 to WR-22 Waveguide Transition 2 Inch Length, UG-383/U Mod Round Cover Flange to UG-383/U Round Cover Flange
PE-W19TW1001 PASTERNACK-PE-W19TW1001 Datasheet
407Kb / 3P
WR-19 90 Degree Waveguide Twist With a UG-383/U Mod Flange Operating From 40 GHz to 60 GHz
PE-W19TW1002 PASTERNACK-PE-W19TW1002 Datasheet
413Kb / 3P
WR-19 45 Degree Left-hand Waveguide Twist With a UG-383/U-Mod Flange Operating From 40 GHz to 60 GHz
PE-W19TW1003 PASTERNACK-PE-W19TW1003 Datasheet
410Kb / 3P
WR-19 45 Degree Right-hand Waveguide Twist With a UG-383/U-Mod Flange Operating From 40 GHz to 60 GHz
PEWAD5003 PASTERNACK-PEWAD5003 Datasheet
367Kb / 3P
WR-19 Waveguide Bulkhead Adapter UG-383/U-Mod Round Cover Flange, 40 GHz to 60 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com