Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT6027 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT6027 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT6027
Download  FMMT6027 Download
File Size   306.64 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Negative Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Radial

FMMT6027 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT6027 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT6027
Download  FMMT6027 Click to download

File Size   306.64 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Negative Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Radial

FMMT6027 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT6027 Product details

Features
• Tunnel diode detector with zero-bias operation
• Broadband frequency range: 0.5 GHz to 18.0 GHz
• Negative video output polarity
• High voltage sensitivity: 700 mV/mW typical
• Fast pulse video response: 5 ns typical
• Excellent frequency flatness: ±1.5 dB typ, ±3.2 dB max
• Low VSWR: 3.5:1 max (measured @ -23 dBm)
• Tangential sensitivity: -50 dBm @ 2 MHz video bandwith
• Maximum CW input power: +17 dBm
• 2.92mm male RF input and 2.92mm female video output
• connectors
• Wide operating temperature range: -54 °C to +100 °C
• Qualified to MIL-STD-202 for shock, vibration, humidity, altitude,
• and temperature cycling
• Applications
• RF power and level monitoring
• Broadband test and measurement equipment/Transmitter
• monitoring and leveling
• Radar and surveillance systems
• Electronic warfare (EW) and ECM receivers
• detector front-ends for receiver chains
• General-purpose RF measurement applications
• Military and aerospace systems
• Description
• This coaxial packaged Tunnel Diode Zero Bias Schottky Diode Detector operates over a broadband frequency range of 0.5 GHz to 18.0
• GHz and is designed for accurate RF signal detection in CW and broadband measurement applications. The tunnel diode zero-bias
• Schottky design provides reliable detection without the need for external biasing, making it ideal for compact and simplified system designs.
• The detector delivers a stable negative polarity video output with a typical sensitivity of 700 mV/mW, dependent on input power and frequency.
• With good frequency flatness and low VSWR, this detector supports consistent performance across a wide frequency band. The rugged
• 2.92mm-connectorized package is environmentally qualified to MIL-STD-202, ensuring dependable operation in harsh military, aerospace, and
• laboratory environments. Maximum input power handling is +17 dBm.




Similar Part No. - FMMT6027

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT6020 FAIRVIEW-FMMT6020 Datasheet
673Kb / 5P
Tunnel Diode Detector, 6 GHz to 12 GHz, SMA, Nega­ tive Video Out, 17 dBm max Pin, 5 nsec Pulse Rise­ time
REV 1
FMMT6025 FAIRVIEW-FMMT6025 Datasheet
673Kb / 5P
Tunnel Diode Detector, 18 GHz to 26 GHz, SMA, Posi­ tive Video Out, 17 dBm max Pin, 5 nsec Pulse Rise­ time
REV 1
FMMT6028 FAIRVIEW-FMMT6028 Datasheet
332Kb / 3P
SMA Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Positive Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Square
REV A
FMMT6029 FAIRVIEW-FMMT6029 Datasheet
330Kb / 3P
SMA Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Negative Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Square
REV A
More results


Similar Description - FMMT6027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7169 PASTERNACK-PE7169 Datasheet
268Kb / 3P
50 Ohm 2.92mm SPST PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7170 PASTERNACK-PE7170 Datasheet
271Kb / 3P
50 Ohm 2.92mm SP2T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7171 PASTERNACK-PE7171 Datasheet
275Kb / 3P
50 Ohm 2.92mm SP3T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7173 PASTERNACK-PE7173 Datasheet
297Kb / 3P
50 Ohm 2.92mm SP8T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1002 PASTERNACK-PE80T1002 Datasheet
395Kb / 6P
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
logo
M/A-COM Technology Solu...
MZB600 MA-COM-MZB600 Datasheet
655Kb / 5P
Zero Bias Detector Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com