Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT6029 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT6029 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT6029
Download  FMMT6029 Download
File Size   330.74 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Negative Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Square

FMMT6029 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT6029 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT6029
Download  FMMT6029 Click to download

File Size   330.74 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Negative Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Square

FMMT6029 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT6029 Product details

Features
• Tunnel diode detector with zero-bias operation
• Broadband frequency range: 0.5 GHz to 18.0 GHz
• Positive video output polarity
• High voltage sensitivity: 700 mV/mW typical
• Fast pulse video response: 5 ns typical
• Excellent frequency flatness: ±1.5 dB typ, ±3.2 dB max
• Low VSWR: 3.5:1 max (measured @ -23 dBm)
• Tangential sensitivity: -50 dBm @ 2 MHz video bandwith
• Maximum CW input power: +17 dBm
• SMA male RF input and SMA female video output connectors
• Wide operating temperature range: -54 °C to +100 °C
• Qualified to MIL-STD-202 for shock, vibration, humidity, altitude,
• and temperature cycling
• Applications
• RF power and level monitoring
• Broadband test and measurement equipment/Transmitter
• monitoring and leveling
• Radar and surveillance systems
• Electronic warfare (EW) and ECM receivers
• detector front-ends for receiver chains
• General-purpose RF measurement applications
• Military and aerospace systems
• Description
• This coaxial packaged Tunnel Diode Zero Bias Schottky Diode Detector operates over a broadband frequency range of 0.5 GHz to 18.0
• GHz and is designed for accurate RF signal detection in CW and broadband measurement applications. The tunnel diode zero-bias
• Schottky design provides reliable detection without the need for external biasing, making it ideal for compact and simplified system designs.
• The detector delivers a stable negative polarity video output with a typical sensitivity of 700 mV/mW, dependent on input power and frequency.
• With good frequency flatness and low VSWR, this detector supports consistent performance across a wide frequency band. The rugged
• SMA-connectorized package is environmentally qualified to MIL-STD-202, ensuring dependable operation in harsh military, aerospace, and
• laboratory environments. Maximum input power handling is +17 dBm.




Similar Part No. - FMMT6029

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT6020 FAIRVIEW-FMMT6020 Datasheet
673Kb / 5P
Tunnel Diode Detector, 6 GHz to 12 GHz, SMA, Nega­ tive Video Out, 17 dBm max Pin, 5 nsec Pulse Rise­ time
REV 1
FMMT6025 FAIRVIEW-FMMT6025 Datasheet
673Kb / 5P
Tunnel Diode Detector, 18 GHz to 26 GHz, SMA, Posi­ tive Video Out, 17 dBm max Pin, 5 nsec Pulse Rise­ time
REV 1
FMMT6027 FAIRVIEW-FMMT6027 Datasheet
306Kb / 3P
2.92mm Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Negative Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Radial
REV A
FMMT6028 FAIRVIEW-FMMT6028 Datasheet
332Kb / 3P
SMA Tunnel Diode Zero Bias Detector, 500 MHz to 18 GHz, 17 dBm Max Pin, Positive Video Out, 5 nsec Pulse Risetime, MIL-STD-202, Square
REV A
More results


Similar Description - FMMT6029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7164 PASTERNACK-PE7164 Datasheet
276Kb / 3P
50 Ohm SMA SPST PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7165 PASTERNACK-PE7165 Datasheet
270Kb / 3P
50 Ohm SMA SP2T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7168 PASTERNACK-PE7168 Datasheet
292Kb / 3P
50 Ohm SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE80T1000 PASTERNACK-PE80T1000 Datasheet
452Kb / 7P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE8011 PASTERNACK-PE8011 Datasheet
360Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Negative Video Out Operating From 10 MHz to 4 GHz
PE8012P PASTERNACK-PE8012P Datasheet
250Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com