Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61371VARR Datasheet (PDF) - Texas Instruments

TPS61371VARR Datasheet PDF - Texas Instruments
Part # TPS61371VARR
Download  TPS61371VARR Download
File Size   1751.38 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect

TPS61371VARR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61371VARR Datasheet PDF - Texas Instruments

Part # TPS61371VARR
Download  TPS61371VARR Click to download

File Size   1751.38 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61371 16V, 3.8A Synchronous Boost With Load Disconnect

TPS61371VARR Datasheet (HTML) - Texas Instruments


TPS61371VARR Product details

1 Features
• Input voltage range: 2.7V to 5.5V
• Output voltage range: up to 16V
– I²C programmable VOUT through FB Vref
• On-resistance:
– Low-side FET - 35mΩ
– High-side + disconnect FET - 106mΩ
• Switch peak current limit: 3.8A typical
• Quiescent current from VIN: 125μA
• Quiescent current from VOUT: 10μA
• Shutdown current from VIN: 2.5μA
• Switching frequency: 1.5MHz
• Soft-start time: 1.5ms
• Auto PFM and forced PWM selectable
• Load disconnect during shutdown
• Output discharge selectable
• External loop compensation
• Output short and overvoltage protection with latch type
• 2.5mm × 2.5mm × 0.8mm (max) HotRod™ lite WQFN package




Similar Part No. - TPS61371VARR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372L TI2-TPS61372L Datasheet
1Mb / 32P
TPS61372L 16V, 3.8A Synchronous Boost With Load Disconnect
REVISED JUNE 2025
TPS61372LVARR TI2-TPS61372LVARR Datasheet
1Mb / 32P
TPS61372L 16V, 3.8A Synchronous Boost With Load Disconnect
REVISED JUNE 2025
TPS61372YKBR TI1-TPS61372YKBR Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
More results


Similar Description - TPS61371VARR

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4869 MICRO-LINEAR-ML4869 Datasheet
200Kb / 8P
Medium Current Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
MIC2875 MICROCHIP-MIC2875 Datasheet
434Kb / 24P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
07/14/15
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
logo
Texas Instruments
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com