Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV-VJLPL1-F3 Datasheet (PDF) - ams-OSRAM AG

GV-VJLPL1-F3 Datasheet PDF - ams-OSRAM AG
Part # GV-VJLPL1-F3
Download  GV-VJLPL1-F3 Download
File Size   1927.89 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Pure 1414

GV-VJLPL1-F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GV-VJLPL1-F3 Datasheet PDF - ams-OSRAM AG

Part # GV-VJLPL1-F3
Download  GV-VJLPL1-F3 Click to download

File Size   1927.89 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Pure 1414

GV-VJLPL1-F3 Datasheet (HTML) - ams-OSRAM AG


GV-VJLPL1-F3 Product details

Applications
- Appliances & Tools
- Entertainment
- Factory Automation
- Indoor Lighting
- Medical Lighting
- Outdoor & Industrial Lighting
- Projection & Display
- Robotics
Features
- Package: chip level conversion
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 132 lm @ 25 °C
- Luminous efficacy: typ. 129 lm/W





Similar Part No. - GV-VJLPL1-F3

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
GV-FFPC GAMEWELL-FCI-GV-FFPC Datasheet
61Kb / 2P
Fire Fighter Phone Accessories
GV-MP112-RC GAMEWELL-FCI-GV-MP112-RC Datasheet
152Kb / 2P
Fire Command Center Multiplexed Voice Multiplexed Voice
GV-MP112P-RC GAMEWELL-FCI-GV-MP112P-RC Datasheet
152Kb / 2P
Fire Command Center Multiplexed Voice Multiplexed Voice
GV-MP128-RC GAMEWELL-FCI-GV-MP128-RC Datasheet
152Kb / 2P
Fire Command Center Multiplexed Voice Multiplexed Voice
GV-MP128P-RC GAMEWELL-FCI-GV-MP128P-RC Datasheet
152Kb / 2P
Fire Command Center Multiplexed Voice Multiplexed Voice
More results


Similar Description - GV-VJLPL1-F3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
LTCQBP OSRAM-LTCQBP_18 Datasheet
964Kb / 21P
OSLON Signal
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com