Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCTR1010 Datasheet (PDF) - Infinite Electronics International, Inc.

LCTR1010 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCTR1010
Download  LCTR1010 Download
File Size   244.64 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2 Watt RF Load Up to 18 GHz with N Male

LCTR1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCTR1010 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCTR1010
Download  LCTR1010 Click to download

File Size   244.64 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2 Watt RF Load Up to 18 GHz with N Male

LCTR1010 Datasheet (HTML) - Infinite Electronics International, Inc.


LCTR1010 Product details

Features
• Max Power 2W
• Operating temp range from -55 to 85C
• Frequency range from DC to 18GHz
• VSWR <1.30:1
Applications
• Signal splitters • 50 Ohm applications • Coaxial termination
.
Description
L-com’s LCTR1010 is an RF termination (also called RF load or dummy load) that operates from DC to 18 GHz and handles up to 2 Watt
(CW). This N-type termination / load has a male gender. LCTR1010 termination offers 1.30:1 max VSWR.
RF loads/terminations are indispensable components in many RF, microwave and millimeter wave systems where signal reflection from
unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an unused port with a matched
load (dummy load), the incident energy will be absorbed with minimal reflection. These termination components are commonly used to
terminate devices such as couplers, circulators, and switches. They are also widely used in measurement systems to ensure accurate
results.




Similar Part No. - LCTR1010

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCTR1001 L-COM-LCTR1001 Datasheet
368Kb / 3P
2 Watt RF Load Up to 1 GHz with SMA Male Nickel Plated Brass Body
05/23/2019
LCTR1006 L-COM-LCTR1006 Datasheet
245Kb / 3P
1 Watt RF Load Up to 18 GHz with SMA Male
02/04/2021
LCTR1007 L-COM-LCTR1007 Datasheet
244Kb / 3P
1 Watt RF Load Up to 18 GHz with SMA Female
02/04/2021
LCTR1009 L-COM-LCTR1009 Datasheet
244Kb / 3P
2 Watt RF Load Up to 18 GHz with SMA Female
02/04/2021
More results


Similar Description - LCTR1010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6075 PASTERNACK-PE6075_16 Datasheet
425Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With N Male Input Nickel Plated Brass
PE6076 PASTERNACK-PE6076_17 Datasheet
318Kb / 3P
2 Watt RF Load with Chain Up to 18 GHz with N Female Nickel Plated Brass
PE6081 PASTERNACK-PE6081_16 Datasheet
424Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6082 PASTERNACK-PE6082 Datasheet
428Kb / 4P
2 Watt RF Load with Chain Up to 18 GHz with SMA Male Input Passivated Stainless Steel
PE6089 PASTERNACK-PE6089_16 Datasheet
425Kb / 4P
2 Watt RF Load Up to 18 GHz With TNC Male Input Passivated Stainless Steel
PE6090 PASTERNACK-PE6090_16 Datasheet
427Kb / 4P
2 Watt RF Load With Chain Up to 18 GHz With TNC Male Input Passivated Stainless Steel
PE6172 PASTERNACK-PE6172 Datasheet
424Kb / 4P
2 Watt RF Load Up to 6 GHz
PE6176 PASTERNACK-PE6176_16 Datasheet
446Kb / 4P
2 Watt RF Load Up to 40 GHz
PE6180 PASTERNACK-PE6180_16 Datasheet
438Kb / 4P
2 Watt RF Load Up to 50 GHz
PE6211 PASTERNACK-PE6211_15 Datasheet
376Kb / 2P
50 Watt RF Load Up To 18 GHz With SMA Male Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com