Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTSPXO08 Datasheet (PDF) - Advanced Crystal Technology

ACTSPXO08 Datasheet PDF - Advanced Crystal Technology
Part # ACTSPXO08
Download  ACTSPXO08 Download
File Size   58.7 Kbytes
Page   1 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Wide Frequency Range up to 160MHz

ACTSPXO08 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTSPXO08 Datasheet PDF - Advanced Crystal Technology

Part # ACTSPXO08
Download  ACTSPXO08 Click to download

File Size   58.7 Kbytes
Page   1 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Wide Frequency Range up to 160MHz

ACTSPXO08 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - ACTSPXO08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS00D INTERSIL-ACTS00D Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00DMSR INTERSIL-ACTS00DMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00HMSR INTERSIL-ACTS00HMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00K INTERSIL-ACTS00K Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00KMSR INTERSIL-ACTS00KMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
More results


Similar Description - ACTSPXO08

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TXO-P9-H-6P QUARTZCOM-TXO-P9-H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-H-4P QUARTZCOM-TXO-SK-H-4P Datasheet
201Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-S-4P QUARTZCOM-TXO-SK-S-4P Datasheet
207Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 400 MHz
TXO-SH-H-4P QUARTZCOM-TXO-SH-H-4P Datasheet
203Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
logo
Rohm
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
Support clock frequency from 8MHz up to 160MHz
logo
MMD Components
MAL3 MMD-MAL3 Datasheet
114Kb / 2P
Wide Frequency Range
MAP2 MMD-MAP2 Datasheet
114Kb / 2P
Wide Frequency Range
MAV2 MMD-MAV2 Datasheet
114Kb / 2P
Wide Frequency Range
logo
ECS, Inc.
ECS-HFR-A ECS-ECS-HFR-A Datasheet
113Kb / 1P
Wide Frequency range
logo
TXC Corporation.
7B-SERIES TXC-7B-SERIES Datasheet
1,010Kb / 1P
High precision characteristics covering up to wide frequency range.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com