Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTSPXO08 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTSPXO08
Description  Wide Frequency Range up to 160MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTSPXO08 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTSPXO08 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACT SPXO 08/14
FEATURES
APPLICATIONS
Wide Frequency Range up to 160MHz
High Precision / Reliability Designs
Frequency Stability ±5PPM
Communication Equipment
High Reliability, Second Package
TTL, HCMOS, ACMOS
SPECIFICATIONS
Frequency Range
1~160MHz
Output
Waveform: TTL, HCMOS, ACMOS
Voltage: VOH, 4.4V (min.)
VOL, 0.4V (max.)
Duty cycle: 40/60% (max.)
Rise/fall time: <20MHz max. 10ns
<80MHz max. 6ns
>80MHz max. 3ns
Frequency Stability
See Table 1
Supply Voltage
+3.3VDC, +5.0VDC, ±5%
Supply Current
<50MHz, 25mA (max.)
<90MHz, 50mA (max.)
<125MHz, 60mA (max.)
Temperature Range
See Table 1
Package
DIP14 ( See note below )
Package Option
Also available as 8 Pin DIL package.
(12.5 ±0.5 x 12.5 ±0.5 x 8.3mm)
Pin centers 7.62mm
(Pin 1 = NC / Pin 2 = GND / Pin 3 = Output / Pin 4 = VCC)
SPECIFICATION AVAILABILITY
Description
14 pin Rectangular
8 Pin Square
Frequency Generation
Mode
Divide by 8
Divide by 4
Divide by 2
Fundamental
3rd Overtone
Frequency Deviation
±5PPM
±10PPM
±25PPM
±30PPM
Temperature Range
0~+70
°C
-10~+60
°C
-20~+70
°C
-40~+85
°C
Input Voltage
+3.3VDC ±5%, +5.0VDC ±5%
+3.3VDC ±5%
Output Load
10TTL
CMOS 15Pf
TTL / CMOS
Duty Cycle
45%~55%
40%~60%
Output Control
Tri-state Output
No Tri-state option
Package Type
Second-package
Please note that all parameters can not necessarily be specified in one device.
Customer to specify : Frequency, Output, Voltage, Stability, Output Type, Duty Cycle, Mode and Operating Temperature
In line with our ongoing policy of product improvement and evolvement the above specification may be subject to change without notice
IS9001:2000 Registered – Registration number 6830/2
For quotations or further information, please contact us at :
3 The Business Centre, Molly Millars Lane, Wokingham , Berkshire, RG41 2EY UK
http:/www.actcrystals.com
PIN FUNCTION:
(14 Pin DIL)
PIN1 – Enable
PIN7 – GND/Case
PIN8 – Output
PIN14 – Power Supply
(Unit: mm)
Issue: 2 S8
Date : 17/08/04
Tel : 0044 (0) 118 979 1238
Fax: 0044 (0) 118 979 1283
Email : info@actcrystals.com


Similar Part No. - ACTSPXO08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS00D INTERSIL-ACTS00D Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00DMSR INTERSIL-ACTS00DMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00HMSR INTERSIL-ACTS00HMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00K INTERSIL-ACTS00K Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00KMSR INTERSIL-ACTS00KMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
More results

Similar Description - ACTSPXO08

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TXO-P9-H-6P QUARTZCOM-TXO-P9-H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-H-4P QUARTZCOM-TXO-SK-H-4P Datasheet
201Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-S-4P QUARTZCOM-TXO-SK-S-4P Datasheet
207Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 400 MHz
TXO-SH-H-4P QUARTZCOM-TXO-SH-H-4P Datasheet
203Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
logo
Rohm
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
Support clock frequency from 8MHz up to 160MHz
logo
MMD Components
MAL3 MMD-MAL3 Datasheet
114Kb / 2P
Wide Frequency Range
MAP2 MMD-MAP2 Datasheet
114Kb / 2P
Wide Frequency Range
MAV2 MMD-MAV2 Datasheet
114Kb / 2P
Wide Frequency Range
logo
ECS, Inc.
ECS-HFR-A ECS-ECS-HFR-A Datasheet
113Kb / 1P
Wide Frequency range
logo
TXC Corporation.
7B-SERIES TXC-7B-SERIES Datasheet
1,010Kb / 1P
High precision characteristics covering up to wide frequency range.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com