Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMFX2014 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFX2014 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFX2014
Download  FMFX2014 Download
File Size   654.69 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female 2x Frequency Multiplier with 8 GHz to 16 GHz Output and 17 dB Conversion Loss

FMFX2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFX2014 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFX2014
Download  FMFX2014 Click to download

File Size   654.69 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female 2x Frequency Multiplier with 8 GHz to 16 GHz Output and 17 dB Conversion Loss

FMFX2014 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFX2014 Product details

Features
• Passive Frequency Doubler (x2)
• 4 to 8 GHz input Freqeuncy
• 8 to 16 GHz output frequency
• Conversion loss 17 dB typ
• Fundamental Isolation 25 dB typ
• RF Input Drive Level:
• 12 to 18 dBm
• Max RF Input Power: +27 dBm
• SMA Female Connectors
• -40° C to +85° C
• Operating Temperature
• 50 Ohm Design
• Rugged Design meets MIL-
• STD-202 Test Conditions
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• FMFX2014
• DATA SHEET




Similar Part No. - FMFX2014

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFX2011 FAIRVIEW-FMFX2011 Datasheet
653Kb / 4P
SMA Female 2x Frequency Multiplier with 1.8 GHz to 4 GHz Output and 14 dB Conversion Loss
REV 1.0A
FMFX2012 FAIRVIEW-FMFX2012 Datasheet
650Kb / 4P
SMA Female 2x Frequency Multiplier with 2.5 GHz to 6 GHz Output and 15 dB Conversion Loss
REV 1.0A
FMFX2013 FAIRVIEW-FMFX2013 Datasheet
751Kb / 4P
SMA Female 2x Frequency Multiplier with 4 GHz to 8 GHz Output and 14 dB Conversion Loss
REV 1.0A
FMFX2015 FAIRVIEW-FMFX2015 Datasheet
464Kb / 5P
SMA Female Active 3x Frequency Multiplier with 750 MHz to 1.05 GHz Output
REV A
FMFX2016 FAIRVIEW-FMFX2016 Datasheet
465Kb / 5P
SMA Female Active 3x Frequency Multiplier with 960 MHz to 1.35 GHz Output
REV A
More results


Similar Description - FMFX2014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8507 PASTERNACK-PE8507 Datasheet
248Kb / 1P
SMA MALE TO SMA FEMALE HIGH OUTPUT NOISE GENERATOR, FREQUENCY RANGE: 4 TO 8 GHz
PE8508 PASTERNACK-PE8508 Datasheet
251Kb / 1P
SMA MALE TO SMA FEMALE HIGH OUTPUT NOISE GENERATOR, FREQUENCY RANGE: 8 TO 12 GHz
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
17 to 37 GHz MPA/Multiplier
TGA4040 TRIQUINT-TGA4040_15 Datasheet
283Kb / 11P
17 to 43 GHz MPA / Multiplier
logo
Pasternack Enterprises,...
PE8304 PASTERNACK-PE8304 Datasheet
160Kb / 2P
50 Ohm SMA Isolator Operating From 8 GHz to 18 GHz And 1 Watts With 16 dB Isolation
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
Conversion loss: 9 dB typical at 3 GHz to 9 GHz
REV. 0
HMC558A AD-HMC558A Datasheet
367Kb / 15P
Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
REV. 0
logo
Hittite Microwave Corpo...
HMC916LP3E HITTITE-HMC916LP3E Datasheet
554Kb / 6P
SMT MMIC x3 ACTIVE FREQUENCY MULTIPLIER, 8 - 16 GHz OUTPUT
logo
Broadcom Corporation.
AMMP-6120 BOARDCOM-AMMP-6120 Datasheet
282Kb / 7P
8-24 GHz x2 Frequency Multiplier
logo
Analog Devices
ADH561S AD-ADH561S Datasheet
723Kb / 8P
8 to 21 GHz Output x2 Active Frequency Multiplier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com