Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMFX2012 Datasheet (PDF) - Infinite Electronics International, Inc.

FMFX2012 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMFX2012
Download  FMFX2012 Download
File Size   650.56 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female 2x Frequency Multiplier with 2.5 GHz to 6 GHz Output and 15 dB Conversion Loss

FMFX2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMFX2012 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMFX2012
Download  FMFX2012 Click to download

File Size   650.56 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMA Female 2x Frequency Multiplier with 2.5 GHz to 6 GHz Output and 15 dB Conversion Loss

FMFX2012 Datasheet (HTML) - Infinite Electronics International, Inc.


FMFX2012 Product details

Features
• Passive Frequency Doubler (x2)
• 1250 to 3000 MHz
• input Freqeuncy
• 2500 to 6000 MHz
• output frequency
• Conversion loss 15 dB typ
• Fundamental Isolation 25 dB typ
• RF Input Drive Level:
• 12 to 18 dBm
• Max RF Input Power: +27 dBm
• SMA Female Connectors
• -40° C to +85° C
• Operating Temperature
• 50 Ohm Design
• Rugged Design meets MIL-
• STD-202 Test Conditions
• Applications:
• Aerospace & Defense
• Test & Measurement
• Microwave Radio Systems
• Military & Commercial
• Communication Systems
• Research & Development
• SATCOM
• Wireless Communications
• FMFX2012
• DATA SHEET




Similar Part No. - FMFX2012

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMFX2011 FAIRVIEW-FMFX2011 Datasheet
653Kb / 4P
SMA Female 2x Frequency Multiplier with 1.8 GHz to 4 GHz Output and 14 dB Conversion Loss
REV 1.0A
FMFX2013 FAIRVIEW-FMFX2013 Datasheet
751Kb / 4P
SMA Female 2x Frequency Multiplier with 4 GHz to 8 GHz Output and 14 dB Conversion Loss
REV 1.0A
FMFX2014 FAIRVIEW-FMFX2014 Datasheet
654Kb / 4P
SMA Female 2x Frequency Multiplier with 8 GHz to 16 GHz Output and 17 dB Conversion Loss
REV 1.0A
FMFX2015 FAIRVIEW-FMFX2015 Datasheet
464Kb / 5P
SMA Female Active 3x Frequency Multiplier with 750 MHz to 1.05 GHz Output
REV A
FMFX2016 FAIRVIEW-FMFX2016 Datasheet
465Kb / 5P
SMA Female Active 3x Frequency Multiplier with 960 MHz to 1.35 GHz Output
REV A
More results


Similar Description - FMFX2012

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
logo
Hittite Microwave Corpo...
HMC917LP3E HITTITE-HMC917LP3E Datasheet
634Kb / 6P
SMT MMIC x4 ACTIVE FREQUENCY MULTIPLIER, 6 - 10 GHz OUTPUT
logo
Pasternack Enterprises,...
PE2203-6 PASTERNACK-PE2203-6 Datasheet
146Kb / 1P
SMA FEMALE DIRECTIONAL COUPLE FREQUENCY RANGE: 2.5~5.2 GHz
PE7228-6 PASTERNACK-PE7228-6 Datasheet
382Kb / 3P
6 dB Fixed Attenuator, SMA Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7363-6 PASTERNACK-PE7363-6 Datasheet
328Kb / 3P
6 dB Fixed Attenuator, SMA Female To SMA Female Rated To 25 Watts Up To 18 GHz
PE15A5011 PASTERNACK-PE15A5011 Datasheet
503Kb / 7P
0.03 GHz to 2.5 GHz Frequency Range
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
Conversion loss: 9 dB typical at 3 GHz to 9 GHz
REV. 0
HMC558A AD-HMC558A Datasheet
367Kb / 15P
Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
REV. 0
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
Frequency Range 2.4 GHz to 2.5 GHz
logo
Analog Devices
ADH814S AD-ADH814S Datasheet
737Kb / 8P
13 to 24.6 GHz Output x2 Active Frequency Multiplier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com