Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A12 Datasheet (PDF) - Bogen Communications LLC

A12 Datasheet PDF - Bogen Communications LLC
Part # A12
Download  A12 Download
File Size   401.23 Kbytes
Page   4 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description High-Output, Long-Throw Loudspeaker

A12 Datasheet (PDF)

Go To PDF Page Download Datasheet
A12 Datasheet PDF - Bogen Communications LLC

Part # A12
Download  A12 Click to download

File Size   401.23 Kbytes
Page   4 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description High-Output, Long-Throw Loudspeaker

A12 Datasheet (HTML) - Bogen Communications LLC


A12 Product details

Features
• High-powered, all-weather speaker
• High efficiency and power handling for optimal performance
• One model for both 70V and low-impedance systems
• 225W at 16 ohms
• 70V Power settings: 128, 64, 32, 16, 8 watts
• Dual 6.5" metal-alloy MDT mid/bass speaker cones
are extremely stable in all environments
• MLS Ferrofluid voice coil suspension replaces
distortion-causing mechanical spider
• Horn-loaded, 1" exit compression driver features a 1.9"
Mylar diaphragm for consistent long-term performance
• 90° Horn delivers constant coverage over listening area
• Dual-layer voice coil with separate inner and outer
windings for high output and ultra-low distortion
• Advanced polymer compound surrounds resist UV rays,
chemicals, and salt spray
• Gold-plated, rust-proof input connectors
• High-density, injection-molded cabinet resists chipping
and scratching
• Low-resonance cabinet structure
• Specially designed vent covers help keep water out
• Heavy-gauge stainless steel mounting yoke with
180° swivel
• Easy-to-grip, oversized mounting knobs
• Speaker mounts with knobs attached for easier,
safer installation in hard-to-reach locations
• Corrosion-resistant woofer frames and mounting hardware
for long-lasting, like-new appearance
• Black cabinet color, attractive styling using patented
Armadillo ridges that improve durability as well as sound
• Adjustable Tilt-Mount Adapter attaches to mounting yoke
(Model TMA812, sold separately)
Description
The A12 features unique technologies to produce the highest
sound quality in the most durable and reliable loudspeakers
available.The A12 is a compact, high-powered speaker that projects
well in open spaces like theme parks, sports fields, and
plazas.
Precise sound reproduction is achieved with two 6.5" mid/bass
drivers employing both MDT and MLS technologies for superior
sound and weather resistance. The high-frequency driver is a 1.9"
horn-loaded diaphragm (1" exit). A built-in 128W transformer
makes the A12 compatible with 70V sound systems. The transformer
can be easily bypassed for use in low-impedance systems
(16 ohms). Spiderless technology (MLS) and advanced materials
deliver out-of-the-box performance year after year. Speaker
diaphragms are manufactured with materials that will not be
altered by constant exposure to UV rays or water, cold or heat, or
extremely high or low humidity.
MDT (Metal Diaphragm Technology):
• High rigidity and low mass of metal versus traditional
papers and plastics
• Extremely stable cone structure over long periods of time
• Fast transmission of sound through the diaphragm means
low energy storage
• Special anodizing process creates a ceramic coating for
increased stiffness
• Efficient heat-sinking of voice coils under long-term,
high-power situations
MLS (Magnetic Liquid Suspension):
• Voice coil is constantly centered for lower distortion
• Voice coil is more efficiently heat-sinked by fluid instead of air
• Greater linearity is accomplished because the mechanical
spider is eliminated
• Constant lubrication of the gap prevents oxidation from
outdoor use




Similar Part No. - A12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
113Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A12 DBLECTRO-A12 Datasheet
218Kb / 1P
DIP PLUG LOW PROFILE
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A12 MA-COM-A12 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
Texas Instruments
A12 TI1-A12 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Similar Description - A12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Apr-2003
logo
Sames
SAN2202 SAMES-SAN2202 Datasheet
81Kb / 9P
SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855_04 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
STMicroelectronics
AN3340 STMICROELECTRONICS-AN3340 Datasheet
3Mb / 24P
Loudspeaker characterization and compensation
11-Feb-2011
logo
Motorola, Inc
MC34216A MOTOROLA-MC34216A Datasheet
529Kb / 20P
PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
logo
Ledil, Inc.
C17360 LEDIL-C17360 Datasheet
2Mb / 6P
Narrow forward throw beam for high masts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com