Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAN2202 Datasheet (PDF) - Sames

SAN2202 Datasheet PDF - Sames
Part # SAN2202
Download  SAN2202 Download
File Size   81.93 Kbytes
Page   9 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER

SAN2202 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAN2202 Datasheet PDF - Sames

Part # SAN2202
Download  SAN2202 Click to download

File Size   81.93 Kbytes
Page   9 Pages
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames
Description SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER

SAN2202 Datasheet (HTML) - Sames


SAN2202 Product details

General description

The amplifier is a simple, low cost add-on circuit to the SA253x single chip telephone family. It is supplied by the line current and amplifies the receive signal, taken from either RO1 or RO2 (Receive outputs), see Fig.1. Compared to more complex “real” handsfree circuits there is no channel switching or anti-larsen circuit implemented, therefore the receive and transmit gains must be lower to avoid howling.

However, at short distances between user and telephone (<2m, which is adequate for normal office work) there is even full duplex “handsfree” operation possible, when the handset is placed next to the telephone with the microphone facing to the user.

Due to the excellent sidetone cancellation of the SA253x circuits, howling between handset microphone and loudspeaker will only occur, when both are put very close to each other. In normal operation, no howling will occur, even with maximum loudspeaker volume.

Due to the unique structure of the SA253x family’s line adaption, adding the amplifier has no influence on the important PTT related parameters, like AC-impedance, DC-mask, etc. (see Pt. 5.1 below).



Key Features

• Low cost additional circuit enables use of loudhearing function

• Full duplex “handsfree” operation via handset microphone and loudspeaker (at distances <2m between telephone and user)

• Can be added to any SA253x- application

• Enables use of low cost 8Ω - Loudspeaker

• High output power with low distortion

• Entirely powered from the telephone line

• No influence of loudspeaker amplifier in AC-impedance, sidetone cancellation or DC-mask

• Loudspeaker volume adjustable by potentiometer

• Excellent sidetone cancellation of SAS253x circuits enables high loudspeaker volume without howling between handset microphone and loudspeaker



 




Similar Part No. - SAN2202

ManufacturerPart #DatasheetDescription
logo
IBM
SAN24B-6 IBM-SAN24B-6 Datasheet
227Kb / 4P
Use a low-c ost, high-p erformance platform to enable flash-r eady solutions for the business
SAN256B-6 IBM-SAN256B-6 Datasheet
195Kb / 19P
IBM Storage Networking SAN256B-6 delivers network innovation for the virtualized, all-flash data center
October 11, 2016
More results


Similar Description - SAN2202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1097 PHILIPS-TEA1097 Datasheet
167Kb / 36P
Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
Sony Corporation
CXA1600M SONY-CXA1600M Datasheet
142Kb / 9P
8-pin Single-chip AM Radio with Built-in Power Amplifier
logo
Ericsson
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
PBL38814 ERICSSON-PBL38814 Datasheet
239Kb / 14P
Voice - switched 2-channel Circuit with loudspeaker amplifier
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
FULL DUPLEX SPEAKERPHONE CHIP
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
Voice Switched Speakerphone Circuit with Speaker Amplifier
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
MC34216A MOTOROLA-MC34216A Datasheet
529Kb / 20P
PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com