Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAN2202 Datasheet(PDF) 8 Page - Sames

Part # SAN2202
Description  SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SAN2202 Datasheet(HTML) 8 Page - Sames

  SAN2202 Datasheet HTML 1Page - Sames SAN2202 Datasheet HTML 2Page - Sames SAN2202 Datasheet HTML 3Page - Sames SAN2202 Datasheet HTML 4Page - Sames SAN2202 Datasheet HTML 5Page - Sames SAN2202 Datasheet HTML 6Page - Sames SAN2202 Datasheet HTML 7Page - Sames SAN2202 Datasheet HTML 8Page - Sames SAN2202 Datasheet HTML 9Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SAN2202
8/9
sames
sames
sames
sames
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
A
B
C
D
A
B
C
D
VR1
50K
D1
D2
SP1
8 Ohm
Q6
BC327-40
The information furnished here by SAMES is believed to be correct and accurate. However, SAMES shall not
be held liable to any party for any damages including but not limited to personal injury, property damage, loss of
profits, loss of use, interuption of business or indirect, special, incidental or consequential damages, of any kind,
in connection with or arising out of the furnishing, performance or use of the technical data. No obligation or
liability to any third party shall arise or flow out of SAMES rendering technical or other services.
OSC
R4
R3
R2
R1
C4
C3
C2
C1
HS/DP
MO
MODE
LLC
CS
CI
RR
AGND
RO2
STB
RO1
RI
LI
FCI
LS
M2
M1
IC1
OSC
R4
R3
R2
R1
C4
C3
C2
C1
HS/DP
MO
MODE
LLC
CS
CI
RR
AGND
RO2
STB
RO1
RI
LI
FCI
LS
M2
M1
I_96
SAMES Telecom
3rd March 1997
Date :
of
Single Chip Telephone Application Circuit
Rev :
Sch.
Sh
Pn#
SAN2202
01
01
Q3
BC327
Q2
BC327
Q1
BC337-10
Q4
BC337-40
+
CC5
470U
C12
X
CC6
X
R7
5K1
R1
47K
R4
22K
R2
47K
R3
1K
R5
22K
vpp
vpp
vin
vin
vpp
vin
SAN2202B
SAN2202A
Amplifier supply in shunt transistor path
8 Ohm Loudspeaker Amplifier
Amplifier supply by power extraction circuit SAN3020
speaker amp
Power to
27
3
2
23
24
5
16
15
14
13
20
19
18
17
12
11
26
4
9
22
8
10
7
25
6
28
1
21
27
3
2
23
24
5
16
15
14
13
20
19
18
17
12
11
26
4
9
22
8
10
7
25
6
28
1
21
1.1
9 Application schematic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com