Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAN2202 Datasheet(PDF) 6 Page - Sames

Part # SAN2202
Description  SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SAN2202 Datasheet(HTML) 6 Page - Sames

  SAN2202 Datasheet HTML 1Page - Sames SAN2202 Datasheet HTML 2Page - Sames SAN2202 Datasheet HTML 3Page - Sames SAN2202 Datasheet HTML 4Page - Sames SAN2202 Datasheet HTML 5Page - Sames SAN2202 Datasheet HTML 6Page - Sames SAN2202 Datasheet HTML 7Page - Sames SAN2202 Datasheet HTML 8Page - Sames SAN2202 Datasheet HTML 9Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SAN2202
6/9
sames
sames
sames
sames
8.1 Frequency response
Fig.
2
shows
the
frequency
response curve of the loudspeaker
amplifier. The curve shows the
output level on an 8
Ω resistor
(solid line) and an 8
Ω loudspeaker
(dotted
line;
PHILIPS
AD3371
series
80mm
∅
8
Ω
speaker)
measured with maximum volume
and
-10dBm Rx level on line. The peak
at 200Hz is a resonant frequency
of the specific loudspeaker type.
Gain of the amplifier is set by the
resistors R6 and the attenuation of
VR1. The bandwidth is adjusted by
CC4.
Fig. 2:Frequency response of loudspeaker amplifier (PLine=-10dBm)
8.2 maximum sending level
Fig.3
shows
the
maximum
Transmit sending level, measured
at LI vs. line current, assuming a
total harmonic distortion (THD) of
less than 1%.
AN2201a (dotted line): At line
currents >40mA, VPP will rise up to
2.5V (@ 90mA) and sending level
will be slightly distorted before it
reaches the soft clip level (
± 2V
peak
) .
AN2202b (solid line):There is no
influence
in
maximum
sending
level, the transmit signal can be up
to the soft clip level at line currents
of >12mA.
Fig. 3: maximum sending level vs. line current (@ THD <1%)
8.3 maximum output power
Fig.4 and Fig.5 show the maximum output power on an 8
Ω loudspeaker at f=1kHz: the curves indicate the
maximum output power with <2% and <3% total harmonic distortion.
SAN2202a: The lower output drive capability at higher line currents results from nonlinearities at higher collector
currents and mismatch in the complementary transistor types.
SAN2202b: Maximum output power is not decreased with higher line currents.
8 Measurement results & curves
Frequency response of LS-Amplifier
-18
-17
-16
-15
-14
-13
-12
100
1000
10000
f [Hz]
8 Ohm Resistor
8 Ohm Loudspeaker
max. sending level @ THD <1%
2,6
2,8
3
3,2
3,4
3,6
3,8
4
4,2
4,4
15
20
25
30
35
40
45
50
55
60
Line current [mA]
SAN2202a
SAN2202b



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com