Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAN2202 Datasheet(PDF) 3 Page - Sames

Part # SAN2202
Description  SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SAN2202 Datasheet(HTML) 3 Page - Sames

  SAN2202 Datasheet HTML 1Page - Sames SAN2202 Datasheet HTML 2Page - Sames SAN2202 Datasheet HTML 3Page - Sames SAN2202 Datasheet HTML 4Page - Sames SAN2202 Datasheet HTML 5Page - Sames SAN2202 Datasheet HTML 6Page - Sames SAN2202 Datasheet HTML 7Page - Sames SAN2202 Datasheet HTML 8Page - Sames SAN2202 Datasheet HTML 9Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SAN2202
3/9
sames
sames
sames
sames
1. Data Sheet SA2531/2 Single Chip Telephone
2. Application Note SAN3020: Power extraction for external loads
SAN2202
Application Note (this document)
The amplifier is a simple, low cost add-on circuit to the SA253x single chip telephone family. It is supplied by the
line current and amplifies the receive signal, taken from either RO1 or RO2 (Receive outputs), see Fig.1.
Compared to more complex “real” handsfree circuits there is no channel switching or anti-larsen circuit
implemented, therefore the receive and transmit gains must be lower to avoid howling.
However, at short distances between user and telephone (<2m, which is adequate for normal office work) there is
even full duplex “handsfree” operation possible, when the handset is placed next to the telephone with the
microphone facing to the user.
Due to the excellent sidetone cancellation of the SA253x circuits, howling between handset microphone and
loudspeaker will only occur, when both are put very close to each other. In normal operation, no howling will occur,
even with maximum loudspeaker volume.
Due to the unique structure of the SA253x family’s line adaption, adding the amplifier has no influence on the
important PTT related parameters, like AC-impedance, DC-mask, etc. (see Pt. 5.1 below).
Note: all subsequent component numbering refers to the schematic, shown in Pt. 9
5.1 Amplifier supply: Comparison of SAN2202a and SAN2202b:
The following table describes the difference between the two types of amplifier supply: while the simple SAN2202a
supply shows slight influence in maximum sending level and “Make”-resistance in pulse dialing , the SAN2202b (3
extra components) supply has no influence in these parameters and has a more stable maximum output driving
capability at high line currents (see Fig.4 & 5).
Parameter
SAN2202a (Shunt path supply)
SAN2202b (Power extraction)
AC impedance
no influence
no influence
off -hook DC mask
no influence
no influence
Tx-/Rx-gains
no influence
no influence
“Make”-resistance in pulse dialing
<230
Ω @ 20mA
<160
Ω @20mA
max. sending level
(soft clip level = 4Vpp)
no influence for ILine <40mA
<4Vpp for ILine >40mA (see.Fig.3)
no influence ; soft clip level
max. 8
Ω output power; THD <2%
≈26mW
≈27mW
max. 8
Ω output power; THD <3%
≈32mW
≈34mW
number of extra components
none
3parts:
1 transistor,1diode,1resistor
3 Other applicable documents and papers
4 Revision status
5 General description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com