Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAN2202 Datasheet(PDF) 7 Page - Sames

Part # SAN2202
Description  SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SAN2202 Datasheet(HTML) 7 Page - Sames

  SAN2202 Datasheet HTML 1Page - Sames SAN2202 Datasheet HTML 2Page - Sames SAN2202 Datasheet HTML 3Page - Sames SAN2202 Datasheet HTML 4Page - Sames SAN2202 Datasheet HTML 5Page - Sames SAN2202 Datasheet HTML 6Page - Sames SAN2202 Datasheet HTML 7Page - Sames SAN2202 Datasheet HTML 8Page - Sames SAN2202 Datasheet HTML 9Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SAN2202
7/9
sames
sames
sames
sames
Fig. 4: SAN2202a: maximum output power on 8
Ω loudspeaker vs. line current, f=1kHz
Fig. 5: SAN2202b: maximum output power on 8
Ω loudspeaker vs. line current,f=1kHz
8.4 On-resistance in pulse dialing
As described in Pt. 7.2 and 7.3, the ON-
resistance
(=“Make”-resistance)
in
both
applications is higher than with the standard
application,
AN1500.
However,
the
ON-
resistance in pulse dialing is generally low with
SA253x - applications, this parameter allows a
wide tolerance to meet the PTT specs.
Germany’s BAPT223 ZV5, for example, allows
RON
≤ 390Ω @ I
Line >24mA.
Fig. 6 shows the ON-resistance ,measured on
a-and b-terminals in pulse dialing with the
SAN2202
applications
compared
to
the
standard application SAN2201.
Note: since the measurement is taken at a- and
b-terminals, the overall resistance including
ON-resistance
of
line-transistor)
will
be
measured.
Fig. 6:On-resistance in pulse dialing with SAN2201,SAN2202a and -b
SAN2202a: LS output power vs. line current
0
5
10
15
20
25
30
35
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
line current [mA]
Pmax [mW], THD<2%
Pmax [mW], THD<3%
SAN2202b: LS output power vs. line current
0
5
10
15
20
25
30
35
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
line current [mA]
Pmax [mW], THD<2%
Pmax [mW], THD<3%
On-resistance in pulse dialing
0
50
100
150
200
250
20
30
40
50
60
70
80
90
line current [mA]
AN1500
SAN2202a
SAN2202b



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com