Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAN2202 Datasheet(PDF) 1 Page - Sames

Part # SAN2202
Description  SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SAN2202 Datasheet(HTML) 1 Page - Sames

  SAN2202 Datasheet HTML 1Page - Sames SAN2202 Datasheet HTML 2Page - Sames SAN2202 Datasheet HTML 3Page - Sames SAN2202 Datasheet HTML 4Page - Sames SAN2202 Datasheet HTML 5Page - Sames SAN2202 Datasheet HTML 6Page - Sames SAN2202 Datasheet HTML 7Page - Sames SAN2202 Datasheet HTML 8Page - Sames SAN2202 Datasheet HTML 9Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SAN2202
PDS038-SA2531/2-001
Rev. B
21-03-00
This application note describes a low-cost add-on circuit for driving an 8
Ω-Loudspeaker to get a simple loudhearing
(“Speakerphone”) Telephone.
To possible ways of supplying the amplifier are shown:
SAN2202a:
Amplifier supply in shunt transistor path
SAN2202b:
Amplifier supply by power extraction circuit (SAN3020)
It can be added to any SA253x application without interfering with PTT-relevant parameters, like AC-impedance,
Sidetone cancellation or DC-mask.
• Low cost additional circuit enables use of loudhearing function
• Full duplex “handsfree” operation via handset microphone and loudspeaker (at distances <2m between
telephone and user)
• Can be added to any SA253x- application
• Enables use of low cost 8Ω - Loudspeaker
• High output power with low distortion
• Entirely powered from the telephone line
• No influence of loudspeaker amplifier in AC-impedance, sidetone cancellation or DC-mask
• Loudspeaker volume adjustable by potentiometer
• Excellent sidetone cancellation of SAS253x circuits enables high loudspeaker volume without howling between
handset microphone and loudspeaker
sames
sames
sames
sames
SAN2202
APPLICATION NOTE
SINGLE CHIP “SPEAKERPHONE” WITH
8 - OHM LOUDSPEAKER AMPLIFIER
1 Scope
2 Key Features


Similar Part No. - SAN2202

ManufacturerPart #DatasheetDescription
logo
IBM
SAN24B-6 IBM-SAN24B-6 Datasheet
227Kb / 4P
Use a low-c ost, high-p erformance platform to enable flash-r eady solutions for the business
SAN256B-6 IBM-SAN256B-6 Datasheet
195Kb / 19P
IBM Storage Networking SAN256B-6 delivers network innovation for the virtualized, all-flash data center
October 11, 2016
More results

Similar Description - SAN2202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1097 PHILIPS-TEA1097 Datasheet
167Kb / 36P
Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
Sony Corporation
CXA1600M SONY-CXA1600M Datasheet
142Kb / 9P
8-pin Single-chip AM Radio with Built-in Power Amplifier
logo
Ericsson
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
PBL38814 ERICSSON-PBL38814 Datasheet
239Kb / 14P
Voice - switched 2-channel Circuit with loudspeaker amplifier
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
FULL DUPLEX SPEAKERPHONE CHIP
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
Voice Switched Speakerphone Circuit with Speaker Amplifier
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
MC34216A MOTOROLA-MC34216A Datasheet
529Kb / 20P
PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com