Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet (PDF) - STMicroelectronics

TS4855 Datasheet PDF - STMicroelectronics
Part # TS4855
Download  TS4855 Download
File Size   1422.89 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL

TS4855 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4855 Datasheet PDF - STMicroelectronics

Part # TS4855
Download  TS4855 Click to download

File Size   1422.89 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL

TS4855 Datasheet (HTML) - STMicroelectronics


TS4855 Product details

DESCRIPTION

The TS4855 is a complete low power audio amplifier solution targeted at mobile phones. It integrates, into an extremely compact flip-chip package, an audio amplifier, a speaker driver, and a headset driver.



■OPERATING FROM VCC= 3.0 V to 5.0 V

■SPEAKER: Mono, THD+N @ 1 kHz is 1% Max @ 1 W into 8Ω BTL

■HEADSET: Stereo, THD+N @ 1 kHz is 0.5% Max. @ 85 mW into 32ΩBTL

■VOLUME CONTROL: 32-step digital volume control

■OUTPUT MODE: Eight different selections

■Ultra low pop-and-click

■Low Shutdown Current (0.1 µA, typ.)

■Thermal Shutdown Protection

■FLIP-CHIP Package 18 X 300 µm Bumps

■TS4855E IJT Lead-Free option available



APPLICATIONS

• Mobile Phones




Similar Part No. - TS4855

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
TS4855EIJT STMICROELECTRONICS-TS4855EIJT Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
TS4855IJT STMICROELECTRONICS-TS4855IJT Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
TS4855 STMICROELECTRONICS-TS4855_04 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
More results


Similar Description - TS4855

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
STMicroelectronics
TS4851 STMICROELECTRONICS-TS4851 Datasheet
1Mb / 28P
MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
01-Mar-2005
logo
Mitsubishi Electric Sem...
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855_04 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
TONE CONTROL/VOLUME CONTROL
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
TONE CONTROL/VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com