Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet (PDF) - STMicroelectronics

TS4851 Datasheet PDF - STMicroelectronics
Part # TS4851
Download  TS4851 Download
File Size   1225.23 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL

TS4851 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4851 Datasheet PDF - STMicroelectronics

Part # TS4851
Download  TS4851 Click to download

File Size   1225.23 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL

TS4851 Datasheet (HTML) - STMicroelectronics


TS4851 Product details

Description
The TS4851 is a low power audio amplifier that can drive either both a mono speaker or a stereo headset. To the speaker, it can deliver 400 mW (typ.) of continuous RMS output power into an 8Ω load with a 1% THD+N value. To the headset driver, the amplifier can deliver 30 mW (typ.) per channel of continuous average power into a stereo 32 Ω bridged-tied load with 0.5% THD+N @ 3.3V.
   
■ Operating from VCC = 3V to 5.5V
■ Rail to rail input/output
■ Speaker driver with 1 W output @ Vcc = 5V,
    THD+N = 1%, F = 1kHz, 8Ω load
■ Headset drivers with 160 mW output @
    Vcc = 5V, THD+N = 1%, F = 1kHz, 32Ω load
■ Headset output is 30mW in stereo @
    Vcc = 3V
■ THD+N < 0.5% Max @ 20mW into 32Ω BTL,
    50Hz < Frequency < 20kHz
■ 32-step digital volume control from -
    34.5dB to +12dB
■ +6dB power up volume and full standby
■ 8 different output modes
■ Pop & click reduction circuitry
■ Low shutdown current (< 100nA)
■ Thermal shutdown protection
■ Flip-chip package 18 x 300µm bumps
   
Applications
■ Mobile Phones
   




Similar Part No. - TS4851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Apr-2003
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
TS4855EIJT STMICROELECTRONICS-TS4855EIJT Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
TS4855IJT STMICROELECTRONICS-TS4855IJT Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Apr-2003
TS4855IJT STMICROELECTRONICS-TS4855IJT Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
More results


Similar Description - TS4851

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA8551 PHILIPS-TDA8551 Datasheet
163Kb / 20P
1 W BTL audio amplifier with digital volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
1 W BTL audio amplifier with digital volume control
1998 Feb 23
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com