Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4851
Description  MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4851 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4851 Datasheet HTML 3Page - STMicroelectronics TS4851 Datasheet HTML 4Page - STMicroelectronics TS4851 Datasheet HTML 5Page - STMicroelectronics TS4851 Datasheet HTML 6Page - STMicroelectronics TS4851 Datasheet HTML 7Page - STMicroelectronics TS4851 Datasheet HTML 8Page - STMicroelectronics TS4851 Datasheet HTML 9Page - STMicroelectronics TS4851 Datasheet HTML 10Page - STMicroelectronics TS4851 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Electrical Characteristics
TS4851
7/28
4 Electrical Characteristics
Table 8.
Electrical characteristics at VCC = +5V, GND = 0V, Tamb = 25°C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
Output Mode 7, Vin = 0V, no load
All other output modes, Vin = 0V, no load
8
4.5
11
6.5
mA
ISTANDBY
Standby Current
Output Mode 0
0.1
2
µA
Voo
Output Offset Voltage (differential)
Vin = 0V
5
50
mV
Vil
“Logic low” input Voltage
0
0.4
V
Vih
“Logic high” input Voltage
1.4
5
V
Po
Output Power
SPKERout, RL = 8
Ω, THD = 1%, F = 1kHz
Rout & Lout, RL = 32
Ω, THD = 0.5%, F = 1kHz
800
80
1000
120
mW
THD + N
Total Harmonic Distortion + Noise
Rout & Lout, Po = 80mW, F = 1kHz, RL = 32
Ω
SPKERout, Po = 800mW, F = 1kHz, RL = 8
Ω
Rout & Lout, Po = 50mW, 20Hz < F < 20kHz, RL = 32
Ω
SPKERout, Po = 40mW, 20Hz < F < 20kHz, RL = 8
Ω
0.5
1
0.5
1
%
SNR
Signal To Noise Ratio (A-Weighted)
90
dB
PSRR
Power Supply Rejection Ratio1
Vripple = 200mV Vpp, F = 217Hz, Input(s) Terminated 10
Ω
Ouput Mode 1
Ouput Mode 2
Ouput Mode 3 (G=+12dB)
Ouput Mode 4 (G=+12dB)
Ouput Mode 5 (G=+12dB)
Ouput Mode 6, 7 (G=+12dB)
1)
Dynamic measurements [20 x log(rms(Vout)/rms(Vripple)]. Vripple is the superimposed sinus signal to Vcc @ F = 217Hz
70
70
55
57
52
56
dB
G
Digital Gain Range - Rin & Lin
no load
-34.5
+12
dB
Digital gain stepsize
1.5
dB
Stepsize
G
≥ -22.5dB
G < -22.5dB
-0.5
-1
+0.5
+1
dB
Phone In Gain, no load
BTL gain from Phone In to SPKERout
BTL gain from Phone In to Rout & Lout
6
0
dB
Zin
Phone In Input Impedance
15
20
25
k
Ω
Zin
Rin & Lin Input Impedance (all gain setting)
37.5
50
62.5
k
Ω
tes
Enable Stepup Time - ENB
20
ns
teh
Enable Hold Time - ENB
20
ns
tel
Enable Low Time - ENB
30
ns
tds
Data Setup Time- DATA
20
ns
tdh
Data Hold Time - DATA
20
ns
tcs
Clock Setup time - CLK
20
ns
tch
Clock Logic High Time - CLK
50
ns
tcl
Clock Logic Low Time - CLK
50
ns
fclk
Clock Frequency - CLK
DC
10
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com