Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4851
Description  MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4851 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4851 Datasheet HTML 17Page - STMicroelectronics TS4851 Datasheet HTML 18Page - STMicroelectronics TS4851 Datasheet HTML 19Page - STMicroelectronics TS4851 Datasheet HTML 20Page - STMicroelectronics TS4851 Datasheet HTML 21Page - STMicroelectronics TS4851 Datasheet HTML 22Page - STMicroelectronics TS4851 Datasheet HTML 23Page - STMicroelectronics TS4851 Datasheet HTML 24Page - STMicroelectronics TS4851 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Application Information
TS4851
21/28
and the maximum value is obtained when:
and its value is:
Note: This maximum value is depends only on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply:
The maximum theoretical value is reached when Vpeak = Vcc, so:
The TS4851 has three independent power amplifiers. Each amplifier produces heat due to its power
dissipation. Therefore, the maximum die temperature is the sum of each amplifier’s maximum power
dissipation. It is calculated as follows:
l Pdiss speaker = Power dissipation due to the speaker power amplifier.
l Pdiss head = Power dissipation due to the Headphone power amplifier
l Total Pdiss = Pdiss speaker + Pdiss head1 + Pdiss head2 (W)
In most cases, Pdiss head1 = Pdiss head2, giving:
Total Pdiss = Pdiss speaker + 2Pdiss head (W)
The following graph (Figure 60) shows an example of the previous formula, with Vcc set to +5V,
Rload speaker set to 8Ω and Rload headphone set to 16Ω.
Figure 60: Example of total power dissipation vs. speaker and headphone output power
∂Pdiss
∂POUT
---------------------- = 0
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=
η =
POUT
Psup pl y
------------------------ = π
VPEAK
4VCC
-----------------------
π
4
----- = 78.5%
[]
)
W
(
P
2
P
R
P
2
R
P
V
2
2
TotalP
HEAD
OUT
SPEAKER
OUT
HEAD
L
HEAD
OUT
SPEAKER
L
SPEAKER
OUT
CC
diss
+
−
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
+
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com