Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4851
Description  MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4851 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4851 Datasheet HTML 1Page - STMicroelectronics TS4851 Datasheet HTML 2Page - STMicroelectronics TS4851 Datasheet HTML 3Page - STMicroelectronics TS4851 Datasheet HTML 4Page - STMicroelectronics TS4851 Datasheet HTML 5Page - STMicroelectronics TS4851 Datasheet HTML 6Page - STMicroelectronics TS4851 Datasheet HTML 7Page - STMicroelectronics TS4851 Datasheet HTML 8Page - STMicroelectronics TS4851 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TS4851
SPI Bus Interface
4/28
Table 5.
Volume control settings
K : Gain (dB)
DATA 7
DATA 6
DATA 5
DATA 4
DATA 3
-34.5
0
0000
-33.0
0
0001
-31.5
0
0010
-30.0
0
0011
-28.5
0
0100
-27.0
0
0101
-25.5
0
0110
-24.0
0
0111
-22.5
0
1000
-21.0
0
1001
-19.5
0
1010
-18.0
0
1011
-16.5
0
1100
-15.0
0
1101
-13.5
0
1110
-12.0
0
1111
-10.5
1
0000
-9.0
1
0001
-7.5
1
0010
-6.0
1
0011
-4.5
1
0100
-3.0
1
0101
-1.5
1
0110
0.0
1
0111
1.5
1
1000
3.0
1
1001
4.5
1
1010
6
1
1011
7.5
1
1100
9
1
1101
10.5
1
1110
12
1
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com