Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4851
Description  MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4851 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4851 Datasheet HTML 20Page - STMicroelectronics TS4851 Datasheet HTML 21Page - STMicroelectronics TS4851 Datasheet HTML 22Page - STMicroelectronics TS4851 Datasheet HTML 23Page - STMicroelectronics TS4851 Datasheet HTML 24Page - STMicroelectronics TS4851 Datasheet HTML 25Page - STMicroelectronics TS4851 Datasheet HTML 26Page - STMicroelectronics TS4851 Datasheet HTML 27Page - STMicroelectronics TS4851 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TS4851
Package Information
24/28
6 Package Information
Flip-chip - 18 bumps: TS4851JT
Pin out (top view)
Marking (top view):
The following markings are present on the topside of the flip-chip:
l The ST logo.
l The part number: A51.
l A 3-digit date code: YWW.
l A dot marking the location of Pin1A.
Note: The solder bumps are on the underside.
R
OUT-
GND
R
OUT +
L
OUT -
L
OUT +
R
IN
VCC
DATA
L
IN
VCC
NC
ENB
PHONE
IN
SPKR
OUT +
SPKR
OUT -
CLK
GND
BYPASS
1
5
4
3
2
7
6
AE
D
C
B
R
OUT-
GND
R
OUT +
L
OUT -
L
OUT +
R
IN
VCC
DATA
L
IN
VCC
NC
ENB
PHONE
IN
SPKR
OUT +
SPKR
OUT -
CLK
GND
BYPASS
1
5
4
3
2
7
6
AE
D
C
B
A51
YWW
A51
YWW
E
Symbol for
Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com