Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4851
Description  MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4851 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4851 Datasheet HTML 19Page - STMicroelectronics TS4851 Datasheet HTML 20Page - STMicroelectronics TS4851 Datasheet HTML 21Page - STMicroelectronics TS4851 Datasheet HTML 22Page - STMicroelectronics TS4851 Datasheet HTML 23Page - STMicroelectronics TS4851 Datasheet HTML 24Page - STMicroelectronics TS4851 Datasheet HTML 25Page - STMicroelectronics TS4851 Datasheet HTML 26Page - STMicroelectronics TS4851 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Application Information
TS4851
23/28
5.6 Pop and Click performance
The TS4851 has internal Pop and Click reduction circuitry. The performance of this circuitry is closely
linked with the value of the input capacitor Cin and the bias voltage bypass capacitor Cb.
The value of Cin is due to the lower cut-off frequency value requested. The value of Cb is due to THD+N
and PSRR requested always in lower frequency.
The TS4851 is optimized to have a low pop and click in the typical schematic configuration (see page 2).
Note: The value of Cs is not an important consideration as regards pop and click.
5.7 Notes on PSRR measurement
What is the PSRR?
The PSRR is the Power Supply Rejection Ratio. The PSRR of a device, is the ratio between a power
supply disturbance and the result on the output. We can say that the PSRR is the ability of a device to
minimize the impact of power supply disturbances to the output.
How we measure the PSRR?
The PSSR was measured according to the schematic shown in Figure 61.
Figure 61: PSRR measurement schematic
Principles of operation
•
The DC voltage supply (Vcc) is fixed.
•
The AC sinusoidal ripple voltage (Vripple) is fixed.
•
No bypass capacitor Cs is used.
The PSRR value for each frequency is:
RMS is a rms selective measurement.
5.8 Power-On Reset
When Power is applied to Vdd, an internal Power On Reset holds the TS4851 in a reset state until the
Supply Voltage reached its nominal value.
The Power On reset has a typical threshold at 1.8V.
)
dB
(
RMS
RMS
Log
20
PSRR
)
Vripple
(
)
Output
(
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com