Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4851
Description  MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4851 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4851 Datasheet HTML 14Page - STMicroelectronics TS4851 Datasheet HTML 15Page - STMicroelectronics TS4851 Datasheet HTML 16Page - STMicroelectronics TS4851 Datasheet HTML 17Page - STMicroelectronics TS4851 Datasheet HTML 18Page - STMicroelectronics TS4851 Datasheet HTML 19Page - STMicroelectronics TS4851 Datasheet HTML 20Page - STMicroelectronics TS4851 Datasheet HTML 21Page - STMicroelectronics TS4851 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TS4851
Electrical Characteristics
18/28
Figure 49: Crosstalk vs. frequency
(output mode 4)
Figure 50: Crosstalk vs. frequency
(output mode 4)
Figure 51: -3 dB lower cut off frequency vs.
input capacitor
Figure 52: -3 dB lower cut off frequency vs.
input capacitance
Figure 53: Current consumption vs.
power supply voltage
Figure 54: Power dissipation vs. output power
(speaker output)
100
1000
10000
-80
-60
-40
-20
0
20
Lout -> Rout
Rout -> Lout
Output mode 4
Vcc = 5V
RL = 32
Ω
G = +12dB
Pout = 100mW
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-80
-60
-40
-20
0
Lout -> Rout
Rout -> Lout
Output mode 4
Vcc = 3V
RL = 32
Ω
G = +12dB
Pout = 20mW
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
0.1
1
10
100
Minimum Input
Impedance
Maximum Input
Impedance
Typical Input
Impedance
Phone In Input
Tamb=25
°C
Input Capacitor ( F)
0.1
1
1
10
Minimum Input
Impedance
Maximum Input
Impedance
Typical Input
Impedance
Rin & Lin Inputs
All gain setting
Tamb=25
°C
Input Capacitor (
µF)
012345
0
1
2
3
4
5
6
7
8
9
10
No loads
Tamb = 25
°C
Reset state
Mode 1, 3, 5
Mode 2, 4, 6
Mode 7
Vcc (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
RL=16
Ω
RL=8
Ω
Vcc=5V
F=1kHz
THD+N<1%
RL=4
Ω
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com