Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4851
Description  MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4851 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4851 Datasheet HTML 2Page - STMicroelectronics TS4851 Datasheet HTML 3Page - STMicroelectronics TS4851 Datasheet HTML 4Page - STMicroelectronics TS4851 Datasheet HTML 5Page - STMicroelectronics TS4851 Datasheet HTML 6Page - STMicroelectronics TS4851 Datasheet HTML 7Page - STMicroelectronics TS4851 Datasheet HTML 8Page - STMicroelectronics TS4851 Datasheet HTML 9Page - STMicroelectronics TS4851 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TS4851
Absolute Maximum Ratings
6/28
3 Absolute Maximum Ratings
Table 6.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage1
1)
All voltages values are measured with respect to the ground pin.
6V
Toper
Operating Free Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Flip Chip Thermal Resistance Junction to Ambient2
2)
Device is protected in case of over temperature by a thermal shutdown active @ 150°C
200
°C/W
Pd
Power Dissipation
Internally Limited
ESD
Human Body Model
2
kV
ESD
Machine Model
100
V
Latch-up Immunity
200
mA
Lead Temperature (soldering, 10sec)
Lead Temperature (soldering, 10sec) for Lead-Free version
250
260
°C
Table 7.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
3 to 5.5
V
Vphin
Maximum Phone In Input Voltage
GND to VCC
V
VRin/VLin
Maximum Rin & Lin Input Voltage
GND to VCC
V
TSD
Thermal Shut Down Temperature
150
°C
Rthja
Flip Chip Thermal Resistance Junction to Ambient1
1)
Device is protected in case of over temperature by a thermal shutdown active @ 150°C
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com