Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4851
Description  MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4851 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4851 Datasheet HTML 5Page - STMicroelectronics TS4851 Datasheet HTML 6Page - STMicroelectronics TS4851 Datasheet HTML 7Page - STMicroelectronics TS4851 Datasheet HTML 8Page - STMicroelectronics TS4851 Datasheet HTML 9Page - STMicroelectronics TS4851 Datasheet HTML 10Page - STMicroelectronics TS4851 Datasheet HTML 11Page - STMicroelectronics TS4851 Datasheet HTML 12Page - STMicroelectronics TS4851 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Electrical Characteristics
TS4851
9/28
Note: In the graphs that follow, the abbreviations Spkout = Speaker Output, and HDout = Headphone Output are used.
All measurements made with Cin = 220nF, Cb = Cs = 1µF except in PSRR condition where Cs = 0.
Table 10. Index of graphics
Description
Figure
Page
THD + N vs. Output Power
Figures 3 to 12
page 10 to page 11
THD + N vs. Frequency
Figures 13 to 22
page 11 to page 13
Output Power vs. Power Supply Voltage
Figures 23 to 30
page 13 to page 14
PSRR vs. Frequency
Figures 31 to 40
page 14 to page 16
Frequency Response
Figures 41 to 44
page 16
Signal to Noise Ratio vs. Power Supply Voltage
Figures 45 to 48
page 17
Crosstalk vs. Frequency
Figures 49 to 50
page 18
-3 dB Lower Cut Off Frequency vs. Input Capacitor
Figures 51 to 52
page 18
Current Consumption vs. Power Supply Voltage
Figure 53
page 18
Power Dissipation vs. Output Power
Figures 54 to 57
page 18 to page 19
Power Derating Curves
Figure 58
page 19
-3 dB Lower Cut Off Frequency vs. Gain Setting
Figure 59
page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com