Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4851 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4851
Description  MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4851 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4851 Datasheet HTML 10Page - STMicroelectronics TS4851 Datasheet HTML 11Page - STMicroelectronics TS4851 Datasheet HTML 12Page - STMicroelectronics TS4851 Datasheet HTML 13Page - STMicroelectronics TS4851 Datasheet HTML 14Page - STMicroelectronics TS4851 Datasheet HTML 15Page - STMicroelectronics TS4851 Datasheet HTML 16Page - STMicroelectronics TS4851 Datasheet HTML 17Page - STMicroelectronics TS4851 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TS4851
Electrical Characteristics
14/28
Figure 27: Speaker output power vs. power
supply voltage (output mode 3)
Figure 28: Speaker output power vs. power
supply voltage (output mode 3)
Figure 29: Headphone output power vs. load
resistor (output mode 4)
Figure 30: Headphone output power vs. load
resistance (output mode 2)
Figure 31: Spkout PSRR vs. frequency
(output modes 1, 7, input grounded)
Figure 32: HDout PSRR vs. frequency
(output mode 2, input grounded)
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.4
0.8
1.2
1.6
2.0
F = 1kHz
Output mode 3
BW < 125kHz
Tamb = 25
°C
32
Ω
16
Ω
8
Ω
4
Ω
Vcc (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.4
0.8
1.2
1.6
2.0
2.4
F = 1kHz
Output mode 3
BW < 125kHz
Tamb = 25
°C
32
Ω
16
Ω
8
Ω
4
Ω
Vcc (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
F = 1kHz
Output mode 4
BW < 125kHz
Tamb = 25
°C
32
Ω
16
Ω
64
Ω
Vcc (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
F = 1kHz
Output mode 4
BW < 125kHz
Tamb = 25
°C
32
Ω
16
Ω
64
Ω
Vcc (V)
100
1000
10000
100000
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=3V
Vcc=5V
Output mode 1, 7
RL = 8
Ω
Vripple = 0.2Vpp
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 3V & 5V
Output mode 2
RL = 32
Ω
Vripple = 0.2Vpp
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com