Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 3Page - STMicroelectronics TS4855 Datasheet HTML 4Page - STMicroelectronics TS4855 Datasheet HTML 5Page - STMicroelectronics TS4855 Datasheet HTML 6Page - STMicroelectronics TS4855 Datasheet HTML 7Page - STMicroelectronics TS4855 Datasheet HTML 8Page - STMicroelectronics TS4855 Datasheet HTML 9Page - STMicroelectronics TS4855 Datasheet HTML 10Page - STMicroelectronics TS4855 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Electrical Characteristics
TS4855
7/27
Phone In Volume
BTL maximum GAIN from Phone In HS to Rout, Lout
BTL minimum GAIN from Phone In HS to Rout, Lout
5.4
-41.1
6
-40.5
6.6
-39.9
dB
Phone In Volume
BTL maximum gain from Rin, Lin to Rout, Lout
BTL minimum gain from Rin, Lin to Rout, Lout
11.4
-35.1
12
-34.5
12.6
-33.9
dB
Phone In Volume
BTL gain from Phone In IHF to SPKRout
11.4
12
12.6
dB
Zin
Phone In IHF Input Impedance
16
20
24
k
Ω
Zin
Phone In HS, Rin & Lin Input Impedance, All Gain setting
42.5
50
57.5
k
Ω
tes
Enable Step up Time - ENB
20
ns
teh
Enable Hold Time - ENB
20
ns
tel
Enable Low Time - ENB
30
ns
tds
Data Setup Time- DATA
20
ns
tdh
Data Hold Time - DATA
20
ns
tcs
Clock Setup time - CLK
20
ns
tch
Clock Logic High Time - CLK
50
ns
tcl
Clock Logic Low Time - CLK
50
ns
fclk
Clock Frequency - CLK
DC
10
MHz
Table 5: Electrical characteristics at VCC = +3.0 V, GND = 0 V, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
I
CC
Supply Current, all gain @ max settings
Output Mode 1, Vin = 0 V, no load
Output Mode 1, Vin = 0 V, loaded (8
Ω)
Output Mode 2,3,4,5,6,7 Vin = 0 V, no loads
Output mode 2,3,4,5,6,7 Vin = 0 V, loaded (8
Ω, 32Ω)
3.5
4.5
7.5
9
7
8
10
11
mA
I
STANDBY
Standby Current
Output Mode 0
0.1
2
µA
Voo
Output Offset Voltage (differential)
Output Mode 1 to 7, Vin = 0 V, no load, Speaker Out
Output Mode 2 to 7 Vin = 0 V, no loads, Headset Out
5
5
20
40
mV
Vil
“Logic low” input Voltage
0
0.4
V
Vih
“Logic high” input Voltage
1.4
3
V
Table 4: Electrical characteristics at VCC = +5.0 V, GND = 0 V, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com