Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 12Page - STMicroelectronics TS4855 Datasheet HTML 13Page - STMicroelectronics TS4855 Datasheet HTML 14Page - STMicroelectronics TS4855 Datasheet HTML 15Page - STMicroelectronics TS4855 Datasheet HTML 16Page - STMicroelectronics TS4855 Datasheet HTML 17Page - STMicroelectronics TS4855 Datasheet HTML 18Page - STMicroelectronics TS4855 Datasheet HTML 19Page - STMicroelectronics TS4855 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TS4855
Electrical Characteristics
16/27
Figure 37: HDout frequency response
(Output modes 2, 3 G=+6dB)
Figure 38: HDout frequency response
(Output modes 4, 5 G=+12dB)
Figure 39: Spkout -3dB lower cut off freq. vs.
input capacitor (Output modes 1, 3, 5, 7)
Figure 40: HDout -3dB lower cut-off frequency vs.
input capacitor (Output modes 2, 3, 4, 5, 6, 7)
Figure 41: HDout -3dB lower cut-off freq. vs.
gain setting (Output modes 2, 3, 4, 5, 6, 7)
Figure 42: Power derating curves
20
100
1000
10000
0
1
2
3
4
5
6
Vcc=5V
Vcc=3V
Ouput mode 2, 3
RL = 32
Ω
Cin=220nF
VinPHS=0.2Vrms
G=+6dB
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
20
100
1000
10000
0
2
4
6
8
10
12
Vcc=5V
Vcc=3V
Ouput mode 4, 5
RL = 32
Ω
Cin=220nF
VinR/L=0.2Vrms
G=+12dB
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
40
60
80
100
Minimum Input
Impedance
Maximum Input
Impedance
Typical Input
Impedance
Phone In IHF Input
Tamb=25
°C
Input Capacitor ( F)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
Minimum Input
Impedance
Maximum Input
Impedance
Typical Input
Impedance
Phone In HS Input
Rin & Lin Inputs
All gain setting
Tamb=25
°C
Input Capacitor ( F)
-20
0
1
10
100
Cin=1
µF
Cin=470nF
Cin=220nF
Cin=100nF
Phone In Hs / Rin & Lin Inputs
Tamb=25
°C
6
-6
-36
-40.5
12
-34.5
Gain Setting (dB)
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
No Heat sink
Heat sink surface = 125mm
2
Ambiant Temperature ( C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com