Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 13Page - STMicroelectronics TS4855 Datasheet HTML 14Page - STMicroelectronics TS4855 Datasheet HTML 15Page - STMicroelectronics TS4855 Datasheet HTML 16Page - STMicroelectronics TS4855 Datasheet HTML 17Page - STMicroelectronics TS4855 Datasheet HTML 18Page - STMicroelectronics TS4855 Datasheet HTML 19Page - STMicroelectronics TS4855 Datasheet HTML 20Page - STMicroelectronics TS4855 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Electrical Characteristics
TS4855
17/27
Figure 43: Spkout SNR vs. power supply voltage,
unweighted filter, BW = 20 Hz to 20 kHz
Figure 44: Spkout SNR vs. power supply voltage,
weighted filter A, BW = 20 Hz to 20 kHz
Figure 45: HDout SNR vs. power supply voltage,
unweighted filter, BW= 20 Hz to 20 kHz
Figure 46: HDout SNR vs. power supply
voltage, weighted filter A, BW=20Hz to 20kHz
Figure 47: HDout SNR vs. Power supply
voltage, unweighted filter, BW=20Hz to 20kHz
Figure 48: HDout SNR vs. power supply voltage,
weighted filter A, BW = 20 Hz to 20 kHz
123
4567
90
92
94
96
98
100
102
104
106
108
110
Vcc = 3V
Vcc = 5V
RL=8
Ω
Unweighted filter (20Hz to 20kHz)
THD + N < 0.7%
Tamb = 25
°C
Output Mode
123
4567
96
98
100
102
104
106
108
110
Vcc = 3V
Vcc = 5V
RL=8
Ω
Weighted filter A (20Hz to 20kHz)
THD + N < 0.7%
Tamb = 25
°C
Output Mode
123
4567
80
82
84
86
88
90
92
94
96
98
100
Vcc = 3V
Vcc = 5V
RL = 32
Ω
G=+6dB
Unweighted filter (20Hz to 20kHz)
THD + N < 0.7%
Tamb = 25
°C
Output Mode
123
4567
80
82
84
86
88
90
92
94
96
98
100
Vcc = 3V
Vcc = 5V
RL = 32
Ω
G=+6dB
Weighted filter A (20Hz to 20kHz)
THD + N < 0.7%
Tamb = 25
°C
Output Mode
123
4567
80
82
84
86
88
90
92
94
96
98
100
Vcc = 3V
Vcc = 5V
RL = 32
Ω
G=+12dB
Unweighted filter
(20Hz to 20kHz)
THD + N < 0.7%
Tamb = 25
°C
Output Mode
123
4567
80
82
84
86
88
90
92
94
96
98
100
Vcc = 3V
Vcc = 5V
RL = 32
Ω
G=+12dB
Weighted filter A
(20Hz to 20kHz)
THD + N < 0.7%
Tamb = 25
°C
Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com