Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 10Page - STMicroelectronics TS4855 Datasheet HTML 11Page - STMicroelectronics TS4855 Datasheet HTML 12Page - STMicroelectronics TS4855 Datasheet HTML 13Page - STMicroelectronics TS4855 Datasheet HTML 14Page - STMicroelectronics TS4855 Datasheet HTML 15Page - STMicroelectronics TS4855 Datasheet HTML 16Page - STMicroelectronics TS4855 Datasheet HTML 17Page - STMicroelectronics TS4855 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
TS4855
Electrical Characteristics
14/27
Figure 25: Headphone output power vs. load
resistance (Output modes 2, 3, 4, 5, 6, 7)
Figure 26: Headphone output power vs. load
resistance (Output modes 2, 3, 4, 5, 6, 7)
Figure 27: Spkout PSRR vs. frequency
(Output modes 1, 3, 5, 7 input grounded)
Figure 28: Spkout PSRR vs. frequency
(Output modes 2, 4, 6 input grounded)
Figure 29: HDout PSRR vs. frequency
(Output modes 2, 3 input grounded)
Figure 30: HDout PSRR vs. frequency
(Output modes 2, 3 input grounded)
16
20
24
28
32
36
40
44
48
0
50
100
150
200
250
300
350
THD+N=10%
Vcc = 5V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (Ohm)
16
20
24
28
32
36
40
44
48
0
20
40
60
80
100
THD+N=10%
Vcc = 3V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (Ohm)
100
1000
10000
100000
-70
-60
-50
-40
-30
-20
-10
0
Vcc=3V & 5V
Ouput mode 1, 3, 5, 7
RL = 8
Ω
Vripple=0.2Vpp
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=3V & 5V
Ouput mode 2, 4, 6
RL = 8
Ω
Vripple=0.2Vpp
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
G=0dB
G=+3dB
G=-40.5dB
G=-18dB
G=-6dB
G=+6dB
Output mode 2, 3
Vcc=+5V
RL = 32
Ω
Vripple=0.2Vpp
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
G=0dB
G=+3dB
G=-40.5dB
G=-18dB
G=-6dB
G=+6dB
Output mode 2, 3
Vcc=+3V
RL = 32
Ω
Vripple=0.2Vpp
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com