Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 18Page - STMicroelectronics TS4855 Datasheet HTML 19Page - STMicroelectronics TS4855 Datasheet HTML 20Page - STMicroelectronics TS4855 Datasheet HTML 21Page - STMicroelectronics TS4855 Datasheet HTML 22Page - STMicroelectronics TS4855 Datasheet HTML 23Page - STMicroelectronics TS4855 Datasheet HTML 24Page - STMicroelectronics TS4855 Datasheet HTML 25Page - STMicroelectronics TS4855 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TS4855
Application Information
22/27
6.6 Pop and Click performance
The TS4855 has internal Pop and Click reduction
circuitry. The performance of this circuitry is
closely linked with the value of the input capacitor
Cin and the bias voltage bypass capacitor Cb.
The value of Cin is due to the lower cut-off
frequency value requested. The value of Cb is
due to THD+N and PSRR requested always in
lower frequency.
The TS4855 is optimized to have a low pop and
click in the typical schematic configuration (see
page 2).
Note: The value of Cs is not an important
consideration as regards pop and click.
6.7 Notes on PSRR measurement
What is the PSRR?
The PSRR is the Power Supply Rejection Ratio.
The PSRR of a device, is the ratio between a
power supply disturbance and the result on the
output. We can say that the PSRR is the ability of
a device to minimize the impact of power supply
disturbances to the output.
How we measure the PSRR?
The PSSR was measured according to the
schematic shown in
Figure 57.
Figure 57: PSRR measurement schematic
Principles of operation
•
The DC voltage supply (Vcc) is fixed.
•
The AC sinusoidal ripple voltage (Vripple) is
fixed.
•
No bypass capacitor Cs is used.
The PSRR value for each frequency is:
Note: The measure of the Rms voltage is not an Rms
selective measure but a full range (20 Hz to
125 kHz) Rms measure. This means that the
effective Rms signal + the Noise is measured.
As the measurement is performed with a wide-
band frequency range apparatus, we have to
subtract the Noise part (quadratic operation) of
the measurement to obtain the real Rms signal
needed to calculate the PSRR, as shown in the
formula above.
)
dB
(
RMS
RMS
Log
20
PSRR
)
Vripple
(
)
Output
(
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com