Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 5Page - STMicroelectronics TS4855 Datasheet HTML 6Page - STMicroelectronics TS4855 Datasheet HTML 7Page - STMicroelectronics TS4855 Datasheet HTML 8Page - STMicroelectronics TS4855 Datasheet HTML 9Page - STMicroelectronics TS4855 Datasheet HTML 10Page - STMicroelectronics TS4855 Datasheet HTML 11Page - STMicroelectronics TS4855 Datasheet HTML 12Page - STMicroelectronics TS4855 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Electrical Characteristics
TS4855
9/27
Index of Graphics
Note: In the graphs that follow, the abbreviations Spkout = Speaker Output, and HDout = Headphone Output are
used.
tds
Data Setup Time- DATA
20
ns
tdh
Data Hold Time - DATA
20
ns
tcs
Clock Setup time - CLK
20
ns
tch
Clock Logic High Time - CLK
50
ns
tcl
Clock Logic Low Time - CLK
50
ns
fclk
Clock Frequency - CLK
DC
10
MHz
Table 5: Electrical characteristics at VCC = +3.0 V, GND = 0 V, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Description
Figure
Page
THD + N vs. Output Power
Figures 1 to 11
page 10 to page 11
THD + N vs. Frequency
Figures 12 to 18
page 11 to page 12
Output Power vs. Power Supply Voltage
Figures 19 to 22
page 13
Output Power vs. Load Resistor
Figures 23 to 26
page 13 to page 14
PSRR vs. Frequency
Figures 27 to 34
page 14 to page 15
Mute Attenuation vs. Frequency
Figure 35
page 15
Frequency Response
Figures 36 to 38
page 15 to page 16
-3 dB Lower Cut Off Frequency vs. Input Capacitor
Figures 39 to 40
page 16
-3 dB Lower Cut Off Frequency vs. Gain Setting
Figure 39
page 16
Power Derating Curves
Figure 42
page 16
Signal to Noise Ratio vs. Power Supply Voltage
Figures 43 to 50
page 17 to page 18
Current Consumption vs. Power Supply Voltage
Figure 51
page 18
Power Dissipation vs. Output Power
Figures 52 to 55
page 18 to page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com