Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 2Page - STMicroelectronics TS4855 Datasheet HTML 3Page - STMicroelectronics TS4855 Datasheet HTML 4Page - STMicroelectronics TS4855 Datasheet HTML 5Page - STMicroelectronics TS4855 Datasheet HTML 6Page - STMicroelectronics TS4855 Datasheet HTML 7Page - STMicroelectronics TS4855 Datasheet HTML 8Page - STMicroelectronics TS4855 Datasheet HTML 9Page - STMicroelectronics TS4855 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TS4855
Electrical Characteristics
6/27
5
ELECTRICAL CHARACTERISTICS
Table 4: Electrical characteristics at VCC = +5.0 V, GND = 0 V, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
I
CC
Supply Current, all gain @ max settings
Output Mode 1, Vin = 0 V, no load
Output Mode 1, Vin = 0 V, loaded (8
Ω)
Output Mode 2,3,4,5,6,7 Vin = 0 V, no loads
Output mode 2,3,4,5,6,7 Vin = 0 V, loaded (8
Ω, 32Ω)
4.0
5.5
8.0
10
8
9
11
12
mA
ISTANDBY
Standby Current
Output Mode 0
0.1
2
µA
Voo
Output Offset Voltage (differential)
Output Mode 1 to 7, Vin = 0 V, no load, Speaker Out
Output Mode 2 to 7 Vin = 0 V, no loads, Headset Out
5
5
20
40
mV
Vil
“Logic low” input Voltage
0
0.4
V
Vih
“Logic high” input Voltage
1.4
5
V
Po
Output Power
SPKRout, RL = 8Ω, THD+N = 1%, f = 1 kHz
Rout & Lout, RL = 32Ω, THD+N = 0.5%, f = 1 kHz
800
70
1100
100
mW
THD + N Total Harmonic Distortion + Noise
Rout & Lout, Po = 70 mW, f = 1 kHz, RL = 32Ω
SPKRout, Po = 800 mW, f = 1 kHz, RL = 8Ω
Rout & Lout, Po =50mW, 20 Hz <f < 20 kHz, RL =32Ω
SPKRout, Po =400 mW, 20 Hz <f <20kHz, RL =8Ω
0.5
0.5
0.5
1
%
SNR
Signal To Noise Ratio
A-Weighted, f = 1 kHz
80
dB
PSRR5)
Power Supply Rejection Ratio
SPKRout;Vripple = 200 mV Vpp, F = 217 Hz, Input Terminated 50Ω
Gain (BTL) = 12 dB, Output mode 1,3,5,7
Rout& Lout;Vripple = 200 mV Vpp, F = 217 Hz, Input Terminated 50Ω
Maximum gain setting, Output mode 2,3
Rout& Lout;Vripple = 200 mV Vpp, F = 217 Hz, Input Terminated 50Ω
Maximum gain setting, Output mode 4,5
Rout& Lout;Vripple = 200 mV Vpp, F = 217 Hz, Input Terminated 50Ω
Maximum gain setting, Output mode 6,7
58
52
50
46
61
55
53
49
dB
G2
Digital Gain Range (Rin & Lin) to Rout, Lout
-34.5
12
dB
G1
Digital Gain Range (Phone In HS) to Rout, Lout
-40.5
6
dB
Digital Gain Stepsize
1.5
dB
Stepsize Error
± 0.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com