Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 19Page - STMicroelectronics TS4855 Datasheet HTML 20Page - STMicroelectronics TS4855 Datasheet HTML 21Page - STMicroelectronics TS4855 Datasheet HTML 22Page - STMicroelectronics TS4855 Datasheet HTML 23Page - STMicroelectronics TS4855 Datasheet HTML 24Page - STMicroelectronics TS4855 Datasheet HTML 25Page - STMicroelectronics TS4855 Datasheet HTML 26Page - STMicroelectronics TS4855 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
TS4855
Package Information
24/27
7
PACKAGE INFORMATION
Flip-chip package—18 bumps: TS4855IJT
Marking (on top view)
Package mechanical data
s ST LOGO
s Part number: A55
s Three digit Datecode: YWW
s The dot is for marking the bump1A
u Die size: 2440µm x 2170µm ±30µm
u Die height (including bumps): 600µm ±30µm
u Bumps diameter: 300µm ±15µm
u Bumps height: 250µm ±15µm
u Pitch: 500µm ±10µm
866µm
866µm
500µm
750µm
2440µm
2170µm
600µm
866µm
866µm
500µm
750µm
2440µm
2170µm
600µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com