Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 6Page - STMicroelectronics TS4855 Datasheet HTML 7Page - STMicroelectronics TS4855 Datasheet HTML 8Page - STMicroelectronics TS4855 Datasheet HTML 9Page - STMicroelectronics TS4855 Datasheet HTML 10Page - STMicroelectronics TS4855 Datasheet HTML 11Page - STMicroelectronics TS4855 Datasheet HTML 12Page - STMicroelectronics TS4855 Datasheet HTML 13Page - STMicroelectronics TS4855 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TS4855
Electrical Characteristics
10/27
Figure 1: Spkout THD+N vs. output power
(Output modes 1, 3, 5, 7)
Figure 2: Spkout THD+N vs. output power
(Output modes 1, 3, 5, 7)
Figure 3: Spkout THD+N vs. output power
(Output modes 1, 3, 5, 7)
Figure 4: HDout THD+N vs. output power
(Output modes 2, 3 G=+6dB)
Figure 5: HDout THD+N vs. output power
(Output modes 2, 3 G=+3dB)
Figure 6: HDout THD+N vs. output power
(Output modes 2, 3 G=+6dB)
1E-3
0.01
0.1
1
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 4
Ω
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 8
Ω
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 16
Ω
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 16
Ω
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 16
Ω
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 32
Ω
BW < 125kHz
Tamb = 25
°C
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com