Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 17Page - STMicroelectronics TS4855 Datasheet HTML 18Page - STMicroelectronics TS4855 Datasheet HTML 19Page - STMicroelectronics TS4855 Datasheet HTML 20Page - STMicroelectronics TS4855 Datasheet HTML 21Page - STMicroelectronics TS4855 Datasheet HTML 22Page - STMicroelectronics TS4855 Datasheet HTML 23Page - STMicroelectronics TS4855 Datasheet HTML 24Page - STMicroelectronics TS4855 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Application Information
TS4855
21/27
The following graph shows an example of the
previous
formula,
with
Vcc
set
to
+5 V,
Rload speaker set to 8 Ω, and Rload headphone se to
16
Ω.
Figure 56: Example of total power dissipation
vs. speaker and headphone output power
6.3 Low frequency response
In low frequency region, the effect of Cin starts.
Cin with Zin forms a high pass filter with a -3 dB
cut off frequency.
Zin is the input impedance of the corresponding
input:
•20 k
Ω for Phone In IHF input
•50 k
Ω for the 3 other inputs
Note: For all inputs, the impedance value remains
constant for all gain settings. This means that
the lower cut-off frequency doesn’t change with
gain setting. Note also that 20 k
Ω and 50 kΩ are
typical values and there are tolerances around
these values (see Electrical Characteristics on
page 6).
In
Figures 39 to 41, you could easily establish the
Cin value for a -3 dB cut-off frequency required.
6.4 Decoupling of the circuit
Two capacitors are needed to bypass properly the
TS4855, a power supply bypass capacitor Cs and
a bias voltage bypass capacitor Cb.
Cs has especially an influence on the THD+N in
high frequency (above 7 kHz) and indirectly on
the power supply disturbances.
With 1 µF, you could expect similar THD+N
performances like shown in the datasheet.
If Cs is lower than 1 µF, THD+N increases in high
frequency and disturbances on the power supply
rail are less filtered.
To the contrary, if Cs is higher than 1 µF, those
disturbances on the power supply rail are more
filtered.
Cb has an influence
on THD+N
in lower
frequency, but its value is critical on the final result
of PSRR with input grounded in lower frequency:
•
If Cb is lower than 1 µF, THD+N increases at
lower frequencies and the PSRR worsens
upwards.
•
If Cb is higher than 1 µF, the benefit on
THD+N and PSRR in the lower frequency
range is small.
6.5 Startup time
When the TS4855 is controlled to switch from the
full standby mode (output mode 0) to another
output mode, a delay is necessary to stabilize the
DC bias. This delay depends on the Cb value and
can be calculated by the following formulas.
Typical startup time = 0.0175 x Cb (s)
Max. startup time = 0.025 x Cb (s)
(Cb is in µF in these formulas)
These formulas assume that the Cb voltage is
equal to 0 V. If the Cb voltage is not equal to 0V,
the startup time will be always lower.
The startup time is the delay between the
negative edge of Enable input (see
SPI Operation
Description on page 3) and the power ON of the
output amplifiers.
Note: When the TS4855 is set in full standby mode,
Cb is discharged through an internal resistor.
The time to reach 0 V of Cb voltage could be
calculated by the following formula:
Tdischarge = 3 x Cb (s)
Note: Cb must be in µF in this formula.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Vcc=5V
THD+N<1%
Tamb=25
°C
250
200
150
100
50
0
Speaker Ouput Power (W)
)
Hz
(
Cin
Zin
2
1
F
CL
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com