Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 11Page - STMicroelectronics TS4855 Datasheet HTML 12Page - STMicroelectronics TS4855 Datasheet HTML 13Page - STMicroelectronics TS4855 Datasheet HTML 14Page - STMicroelectronics TS4855 Datasheet HTML 15Page - STMicroelectronics TS4855 Datasheet HTML 16Page - STMicroelectronics TS4855 Datasheet HTML 17Page - STMicroelectronics TS4855 Datasheet HTML 18Page - STMicroelectronics TS4855 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Electrical Characteristics
TS4855
15/27
Figure 31: HDout PSRR vs. frequency
(Output modes 4, 5 inputs grounded)
Figure 32: HDout PSRR vs. frequency
(Output modes 4, 5 inputs grounded)
Figure 33: HDout PSRR vs. frequency
(Output modes 6, 7 inputs grounded)
Figure 34: HDout PSRR vs. frequency
(Output modes 6, 7 inputs grounded)
Figure 35: Spkout mute attenuation vs.
frequency (Output modes 2, 4, 6)
Figure 36: Spkout frequency response
(Output modes 1, 3, 5, 7)
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
0
G=+6dB
G=+9dB
G=-34.5dB
G=-12dB
G=0dB
G=+12dB
Output mode 4, 5
Vcc=+5V
RL = 32
Ω
Vripple=0.2Vpp
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-50
-40
-30
-20
-10
0
G=+6dB
G=+9dB
G=-34.5dB
G=-12dB
G=0dB
G=+12dB
Output mode 4, 5
Vcc=+3V
RL = 32
Ω
Vripple=0.2Vpp
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-50
-40
-30
-20
-10
0
G1=+3dB
G2=+6dB
G1=+3dB
G2=+9dB
G1=-40.5dB
G2=-34.5dB
G1=-18dB
G2=-12dB
G1=-6dB
G2=0dB
G1=+6dB
G2=+12dB
Output mode 6, 7
Vcc=+5V
RL = 32
Ω
Vripple=0.2Vpp
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-50
-40
-30
-20
-10
0
G1=+3dB
G2=+6dB
G1=+3dB
G2=+9dB
G1=-40.5dB
G2=-34.5dB
G1=-18dB
G2=-12dB
G1=-6dB
G2=0dB
G1=+6dB
G2=+12dB
Output mode 6, 7
Vcc=+3V
RL = 32
Ω
Vripple=0.2Vpp
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=3V
Vcc=5V
Ouput mode 2, 4, 6
RL = 8
Ω
VinPIHF=1Vrms
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
20
100
1000
10000
0
2
4
6
8
10
12
Vcc=3V
Vcc=5V
Ouput mode 1, 3, 5, 7
RL = 8
Ω
Cin=220nF
VinPIHF=0.2Vrms
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com