Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 16Page - STMicroelectronics TS4855 Datasheet HTML 17Page - STMicroelectronics TS4855 Datasheet HTML 18Page - STMicroelectronics TS4855 Datasheet HTML 19Page - STMicroelectronics TS4855 Datasheet HTML 20Page - STMicroelectronics TS4855 Datasheet HTML 21Page - STMicroelectronics TS4855 Datasheet HTML 22Page - STMicroelectronics TS4855 Datasheet HTML 23Page - STMicroelectronics TS4855 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
TS4855
Application Information
20/27
6
APPLICATION INFORMATION
6.1 BTL Configuration Principle
The
TS4855
integrates
3
monolithic
power
amplifiers having BTL output. BTL (Bridge Tied
Load) means that each end of the load is
connected to two single-ended output amplifiers.
Thus, we have:
Single ended output 1 = Vout1 = Vout (V)
Single ended output 2 = Vout2 = -Vout (V)
and
Vout1 - Vout2 = 2Vout (V)
The output power is:
For the same power supply voltage, the output
power in BTL configuration is 4 times higher than
the output power in single-ended configuration.
6.2 Power dissipation and efficiency
Hypotheses:
•
Voltage and current in the load are sinusoidal
(Vout and Iout).
•
Supply voltage is a pure DC source (Vcc).
Regarding the load we have:
and
and
Therefore, the average current delivered by the
supply voltage is:
The power delivered by the supply voltage is:
Psupply = Vcc IccAVG (W)
Then, the power dissipated by each amplifier is
Pdiss = Psupply - Pout (W)
and the maximum value is obtained when:
and its value is:
Note: This maximum value is only depending on
power supply voltage and load values.
The efficiency is the ratio between the output
power and the power supply
The maximum theoretical value is reached when
Vpeak = Vcc, so
The TS4855 has 3 independent power amplifiers
and each amplifier produces heat due to its power
dissipation.
Therefore,
the
maximum
die
temperature is the sum of the each amplifier’s
maximum power dissipation. It is calculated as
follows:
Pdiss speaker = Power dissipation due to the
speaker power amplifier.
Pdiss head = Power
dissipation
due
to
each
headphone’s power amplifier.
Total Pdiss =Pdiss speaker +Pdiss head1 +Pdiss head2 (W)
In most cases, Pdiss head1 = Pdiss head 2, giving:
Total Pdiss = Pdiss speaker +2Pdiss head (W)
)
W
(
R
)
Vout
2
(
Pout
L
2
RMS
=
VOUT = VPEAK sinωt (V)
IOUT =
VOUT
R L
----------------- (A)
POUT =
VPEAK
2
2RL
---------------------- (W)
ICC
AVG
= 2
VPEAK
πRL
-------------------- (A)
)
W
(
P
P
R
V
2
2
P
OUT
OUT
L
CC
diss
−
π
=
∂Pdiss
∂POUT
---------------------- = 0
)
W
(
R
Vcc
2
max
Pdiss
L
2
2
π
=
η =
POUT
Psup pl y
------------------------ = π
VPEAK
4VCC
-----------------------
π
4
----- = 78.5%
[]
)
W
(
P
2
P
R
P
2
R
P
V
2
2
TotalP
HEAD
OUT
SPEAKER
OUT
HEAD
L
HEAD
OUT
SPEAKER
L
SPEAKER
OUT
CC
diss
+
−
+
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com