Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS4855 Datasheet HTML 14Page - STMicroelectronics TS4855 Datasheet HTML 15Page - STMicroelectronics TS4855 Datasheet HTML 16Page - STMicroelectronics TS4855 Datasheet HTML 17Page - STMicroelectronics TS4855 Datasheet HTML 18Page - STMicroelectronics TS4855 Datasheet HTML 19Page - STMicroelectronics TS4855 Datasheet HTML 20Page - STMicroelectronics TS4855 Datasheet HTML 21Page - STMicroelectronics TS4855 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TS4855
Electrical Characteristics
18/27
Figure 49: HDout SNR vs. power supply voltage,
unweighted filter, BW = 20 Hz to 20 kHz)
Figure 50: HDout SNR vs. power supply voltage,
weighted filter A, BW = 20 Hz to 20 kHz)
Figure 51: Current consumption vs. power
supply voltage
Figure 52: Power dissipation vs. output
power: speaker output
Figure 53: Power dissipation vs. output
power: speaker output
Figure 54: Power dissipation vs. output power.
headphone output one channel
123
4567
80
82
84
86
88
90
92
94
96
98
100
Vcc = 3V
Vcc = 5V
RL = 32
Ω
G=+6dB and +12dB
Unweighted filter (20Hz to 20kHz)
THD + N < 0.7%
Tamb = 25
°C
Output Mode
123
4567
80
82
84
86
88
90
92
94
96
98
100
Vcc = 3V
Vcc = 5V
RL = 32
Ω
G=+6dB and +12dB
Weighted filter A (20Hz to 20kHz)
THD + N < 0.7%
Tamb = 25
°C
Output Mode
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
5
6
7
8
9
10
Output mode 2 to 7
RL=8
Ω and 2x32Ω
Output mode 2 to 7
no loads
Output mode 1
RL=8
Ω
Tamb = 25
°C
Output mode 1
no load
Vcc (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
RL=16
Ω
RL=8
Ω
Vcc=5V
F=1kHz
THD+N<1%
RL=4
Ω
Output Power (W)
0.0
0.1
0.2
0.3
0.4
0.5
0.0
0.1
0.2
0.3
0.4
0.5
RL=4
Ω
RL=8
Ω
Vcc=3V
F=1kHz
THD+N<1%
RL=16
Ω
Output Power (W)
0.00
0.05
0.10
0.15
0.20
0.25
0.0
0.1
0.2
0.3
0.4
RL=16
Ω
RL=32
Ω
Vcc=5V
F=1kHz
THD+N<1%
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com