Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD2X2 Datasheet (PDF) - Bogen Communications LLC

ACD2X2 Datasheet PDF - Bogen Communications LLC
Part # ACD2X2
Download  ACD2X2 Download
File Size   68.29 Kbytes
Page   1 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description Self-Amplified Drop-In Ceiling Speaker

ACD2X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACD2X2 Datasheet PDF - Bogen Communications LLC

Part # ACD2X2
Download  ACD2X2 Click to download

File Size   68.29 Kbytes
Page   1 Pages
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC
Description Self-Amplified Drop-In Ceiling Speaker

ACD2X2 Datasheet (HTML) - Bogen Communications LLC


ACD2X2 Product details

Description
Bogen's ACD2X2 Drop-In Ceiling Speaker is a full-range, 1-watt, self-amplified speaker that is quick and easy
to install. Simply wire it and drop it into place. Available in off-white (ACD2X2) and bright white (ACD2X2U).
The ACD2X2 is 2' x 2', designed to fit perfectly into place in 2'x 2' ceiling grids - without needing to cut ceiling
tiles. The ACD2X2 can also be easily installed in 2' x 4' ceiling grids using the included support rail.
Features
• For use with both 2 ft. x 2 ft. and 2 ft. x 4 ft.
suspended tile ceilings (support rail crossbar
included for 2 ft. x 4 ft. suspended tile ceilings)
• Finely perforated grille covers entire front of speaker
• Fully enclosed, industrial grade steel construction
• Self-contained 1-watt amplifier
• 8" main cone speaker, with secondary cone
• Front-mounted, recessed volume control
• Non-reflective finish, available in off-white (ACD2X2)
and bright white (ACD2X2U)
• Seismic attachment points
• Plenum-Rated; Complies with UL-2043




Similar Part No. - ACD2X2

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACD22 OHMITE-ACD22 Datasheet
610Kb / 1P
22mm,10 turns counting dial in satin-chrome finish,for precision
logo
ANADIGICS, Inc
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev. 2.1
ACD2202S8P0 ANADIGICS-ACD2202S8P0 Datasheet
550Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev. 2.1
ACD2202S8P1 ANADIGICS-ACD2202S8P1 Datasheet
550Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev. 2.1
ACD2203 ANADIGICS-ACD2203 Datasheet
618Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev 1.3
More results


Similar Description - ACD2X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600-00005-02 ETC1-600-00005-02 Datasheet
380Kb / 4P
CEILING SPEAKER DESIGN (CNSRD)
logo
Systemsensor advanced i...
SP2C2415 SYSTEMSENSOR-SP2C2415 Datasheet
463Kb / 2P
Ceiling Mount Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SP2C2415 GAMEWELL-FCI-SP2C2415 Datasheet
367Kb / 2P
Ceiling-Mount Speaker/Strobes
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
logo
List of Unclassifed Man...
TWL-U-W ETC2-TWL-U-W Datasheet
241Kb / 1P
ZenNet Self-powered Wireless Ceiling-mount Sensor 5 year Warranty
TWO-CL ETC2-TWO-CL Datasheet
373Kb / 2P
ZenNet Self-powered Wireless Ceiling-mount Sensor
logo
Ultralife Corporation.
MRC-165 ULTRALIFE-MRC-165 Datasheet
761Kb / 2P
Amplified Speaker
26 Apr 2010 Rev A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com