Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD2X2 Datasheet(PDF) 1 Page - Bogen Communications LLC

Part # ACD2X2
Description  Self-Amplified Drop-In Ceiling Speaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOGEN [Bogen Communications LLC]
Direct Link  https://www.bogen.com/
Logo BOGEN - Bogen Communications LLC

ACD2X2 Datasheet(HTML) 1 Page - Bogen Communications LLC

  ACD2X2 Datasheet HTML 1Page - Bogen Communications LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• For use with both 2 ft. x 2 ft. and 2 ft. x 4 ft.
suspended tile ceilings (support rail crossbar
included for 2 ft. x 4 ft. suspended tile ceilings)
• Finely perforated grille covers entire front of speaker
• Fully enclosed, industrial grade steel construction
• Self-contained 1-watt amplifier
• 8" main cone speaker, with secondary cone
• Front-mounted, recessed volume control
• Non-reflective finish, available in off-white (ACD2X2)
and bright white (ACD2X2U)
• Seismic attachment points
• Plenum-Rated; Complies with UL-2043
Features
Description
Specifications subject to change without notice.
© 2006-2014 Bogen Communications, Inc.
54-8023-23E 1411
Self-Amplified Drop-In
Ceiling Speaker
Bogen's ACD2X2 Drop-In Ceiling Speaker is a full-range, 1-watt, self-amplified speaker that is quick and easy
to install. Simply wire it and drop it into place. Available in off-white (ACD2X2) and bright white (ACD2X2U).
The ACD2X2 is 2' x 2', designed to fit perfectly into place in 2' x 2' ceiling grids - without needing to cut ceiling
tiles. The ACD2X2 can also be easily installed in 2' x 4' ceiling grids using the included support rail.
The speaker shall be a Bogen Model ACD2X2 (or
ACD2X2U) Drop-In Self-Amplified Ceiling Speaker,
which shall be fully enclosed and constructed of indus-
trial grade steel. It shall be comprised of a damped
high-compliance factory-mounted 8" loudspeaker that
shall consist of an 8" treated paper cone and a
10-ounce magnet, including a secondary cone.
The unit shall have a 1-watt amplifier. The typical
current consumption shall be 1 CU (50 mA). Frequency
response shall be 95 Hz - 12 kHz. Input sensitivity shall
be 125 mVrms. Input impedance shall be 2k ohms.
Dispersion shall be 100°.
The speaker shall have a non-reflective, off-white (or
bright white for ACD2X2U) metal finish grille with a
recessed volume control accessible through front grille.
It shall include 4 seismic attachment points.
The speaker assembly will fit into 2' x 2' and 2' x 4' ceil-
ing tiles. For 2' x 2' installations, a support rail shall not
be needed and no cuts to the ceiling shall be neces-
sary. For 2' x 4' installations, a single cut to the ceiling
tile and an included support rail shall be needed.
The speaker shall measure 23-7/8" W x 5" H x
23-7/8" D and shall weigh 12 lb.
Architect and
Engineer
Specifications
Technical
Specifications
Max. SPL: 94 dB (1m)
Frequency Response: 95 Hz - 12 kHz
Supply Voltage: 24V DC
Typical Current Units: 1 CU (50 mA)
Idle Current: 5 mA (nominal)
Input Sensitivity: 125 mVrms
Input Impedance: 2k ohms
www.bogen.com
Dispersion: 100°
Cone: 8" cone speaker, with secondary cone
Magnet Weight: 10 oz.
Connection: Wire leads via wire nuts (included)
Dimensions: 23 -7/8" W x 5" H x 23 -7/8" D
Product Weight: 12 lb.
with back can and recessed
volume control
Models
ACD2X2, ACD2X2U


Similar Part No. - ACD2X2

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACD22 OHMITE-ACD22 Datasheet
610Kb / 1P
22mm,10 turns counting dial in satin-chrome finish,for precision
logo
ANADIGICS, Inc
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev. 2.1
ACD2202S8P0 ANADIGICS-ACD2202S8P0 Datasheet
550Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev. 2.1
ACD2202S8P1 ANADIGICS-ACD2202S8P1 Datasheet
550Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev. 2.1
ACD2203 ANADIGICS-ACD2203 Datasheet
618Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev 1.3
More results

Similar Description - ACD2X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600-00005-02 ETC1-600-00005-02 Datasheet
380Kb / 4P
CEILING SPEAKER DESIGN (CNSRD)
logo
Systemsensor advanced i...
SP2C2415 SYSTEMSENSOR-SP2C2415 Datasheet
463Kb / 2P
Ceiling Mount Speaker Strobes
logo
Gamewell-FCI by Honeywe...
SP2C2415 GAMEWELL-FCI-SP2C2415 Datasheet
367Kb / 2P
Ceiling-Mount Speaker/Strobes
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
logo
List of Unclassifed Man...
TWL-U-W ETC2-TWL-U-W Datasheet
241Kb / 1P
ZenNet Self-powered Wireless Ceiling-mount Sensor 5 year Warranty
TWO-CL ETC2-TWO-CL Datasheet
373Kb / 2P
ZenNet Self-powered Wireless Ceiling-mount Sensor
logo
Ultralife Corporation.
MRC-165 ULTRALIFE-MRC-165 Datasheet
761Kb / 2P
Amplified Speaker
26 Apr 2010 Rev A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com