Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-PUSTA1-PM Datasheet (PDF) - ams-OSRAM AG

GW-PUSTA1-PM Datasheet PDF - ams-OSRAM AG
Part # GW-PUSTA1-PM
Download  GW-PUSTA1-PM Download
File Size   2088.35 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSCONIQ® P 3737 (3W)

GW-PUSTA1-PM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-PUSTA1-PM Datasheet PDF - ams-OSRAM AG

Part # GW-PUSTA1-PM
Download  GW-PUSTA1-PM Click to download

File Size   2088.35 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSCONIQ® P 3737 (3W)

GW-PUSTA1-PM Datasheet (HTML) - ams-OSRAM AG


GW-PUSTA1-PM Product details

Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: New SMD epoxy package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 70 (min.), 72 (typ.), R9: -50 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 545 lm @ 5000 K, 85 °C
- Luminous efficacy: typ. 183 lm/W @ 5000 K, 85 °C





Similar Part No. - GW-PUSTA1-PM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-PUSTA1-CM AMSOSRAM-GW-PUSTA1-CM Datasheet
1Mb / 25P
OSCONIQ® P 3737 (3W)
Version 1.5 2024-10-10
GW-PUSTA1-EM AMSOSRAM-GW-PUSTA1-EM Datasheet
1Mb / 25P
OSCONIQ® P 3737 (3W)
Version 1.5 2024-10-10
More results


Similar Description - GW-PUSTA1-PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
logo
Lapp.
0012800 LAPP-0012800 Datasheet
171Kb / 1P
OLFLEX® 440 P
01.01.2019
55502621 LAPP-55502621 Datasheet
109Kb / 2P
SILVYN® US-M AS-P / SILVYN® US AS-P
07.03.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com