Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21990BBC Datasheet (PDF) - Analog Devices

ADSP-21990BBC Datasheet PDF - Analog Devices
Part # ADSP-21990BBC
Download  ADSP-21990BBC Download
File Size   2494.34 Kbytes
Page   50 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mixed-Signal DSP Controller

ADSP-21990BBC Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-21990BBC Datasheet PDF - Analog Devices

Part # ADSP-21990BBC
Download  ADSP-21990BBC Click to download

File Size   2494.34 Kbytes
Page   50 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mixed-Signal DSP Controller

ADSP-21990BBC Datasheet (HTML) - Analog Devices


ADSP-21990BBC Product details

GENERAL DESCRIPTION

The ADSP-21990 is a mixed-signal DSP controller based on the ADSP-2199x DSP core, suitable for a variety of high performance industrial motor control and signal processing applications that require the combination of a high performance DSP and the mixed-signal integration of embedded control peripherals such as analog-to-digital conversion. Target applications include: industrial motor drives, uninterruptible power supplies, optical networking control, data acquisition systems, test and measurement systems, and portable instrumentation.



FEATURES

ADSP-2199x, 16-bit, fixed-point DSP core with up to 160 MIPS sustained performance

8K words of on-chip RAM, configured as 4K words on-chip, 24-bit program RAM and 4K words on-chip, 16-bit data RAM

External memory interface

Dedicated memory DMA controller for data/instruction transfer between internal/external memory

Programmable PLL and flexible clock generation circuitry enables full speed operation from low speed input clocks

IEEE JTAG Standard 1149.1 test access port supports on-chip emulation and system debugging

8-channel, 14-bit analog-to-digital converter system, with up to 20 MSPS sampling rate (at 160 MHz core clock rate)

3-phase, 16-bit, center-based PWM generation unit with 12.5 ns resolution at 160 MHz core clock (CCLK) rate

Dedicated 32-bit encoder interface unit with companion encoder event timer

Dual 16-bit auxiliary PWM outputs

16 general-purpose flag I/O pins

3 programmable 32-bit interval timers

SPI communications port with master or slave operation

Synchronous serial communications port (SPORT) capable of software UART emulation

Integrated watchdog timer

Dedicated peripheral interrupt controller with software priority control

Multiple boot modes

Precision 1.0 V voltage reference

Integrated power-on-reset (POR) generator

Flexible power management with selectable power-down and idle modes

2.5 V internal operation with 3.3 V I/O

Operating temperature range of –40℃ to +85℃

196-ball CSP_BGA and 176-lead LQFP package




Similar Part No. - ADSP-21990BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
More results


Similar Description - ADSP-21990BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21991 AD-ADSP-21991 Datasheet
589Kb / 44P
Mixed Signal DSP Co
REV.0
ADSP-21992 AD-ADSP-21992_07 Datasheet
1Mb / 60P
Mixed-Signal DSP Controller with CAN
8/07-Rev. 0 to Rev. A
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
Mixed Signal DSP Controller
REV. 0
ADSP-21992 AD-ADSP-21992_15 Datasheet
2Mb / 60P
Mixed-Signal DSP Controller with CAN
REV. A
ADSP-21992 AD-ADSP-21992 Datasheet
519Kb / 48P
Mixed Signal DSP Controller With CAN
REV. PrA
logo
HYCON Technology Corpor...
HY16F188 HYCON-HY16F188 Datasheet
2Mb / 49P
High Precision Mixed-Signal Controller
HY16F198B HYCON-HY16F198B Datasheet
2Mb / 77P
High Precision Mixed-Signal Controller
HY16F3981 HYCON-HY16F3981 Datasheet
1Mb / 64P
High Precision Mixed-Signal Controller
logo
Texas Instruments
MSP430F5438A-ET TI-MSP430F5438A-ET Datasheet
1Mb / 95P
MSP430F5438A-ET Mixed-Signal Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com