Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21990BBC Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 5 Page - Analog Devices

  ADSP-21990BBC Datasheet HTML 1Page - Analog Devices ADSP-21990BBC Datasheet HTML 2Page - Analog Devices ADSP-21990BBC Datasheet HTML 3Page - Analog Devices ADSP-21990BBC Datasheet HTML 4Page - Analog Devices ADSP-21990BBC Datasheet HTML 5Page - Analog Devices ADSP-21990BBC Datasheet HTML 6Page - Analog Devices ADSP-21990BBC Datasheet HTML 7Page - Analog Devices ADSP-21990BBC Datasheet HTML 8Page - Analog Devices ADSP-21990BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ADSP-21990
Rev. A
|
Page 5 of 50
|
August 2007
The two address buses (PMA and DMA) share a single external
address bus, allowing memory to be expanded off-chip, and the
two data buses (PMD and DMD) share a single external data
bus. Boot memory space and I/O memory space also share the
external buses.
Program memory can store both instructions and data, permit-
ting the ADSP-21990 to fetch two operands in a single cycle, one
from program memory and one from data memory. The dual
memory buses also let the embedded ADSP-21xx core fetch an
operand from data memory and the next instruction from pro-
gram memory in a single cycle.
MEMORY ARCHITECTURE
The ADSP-21990 provides 8K words of on-chip SRAM mem-
ory. This memory is divided into two blocks: a 4K × 24-bit
(block 0) and a 4K × 16-bit (block 1). In addition, the
ADSP-21990 provides a 4K × 24-bit block of program memory
boot ROM (that is reserved by ADI for boot load routines). The
memory map of the ADSP-21990 is illustrated in Figure 2.
As shown in Figure 2, the two internal memory RAM blocks
reside in memory Page 0. The entire DSP memory map consists
of 256 pages (Pages 0 to 255), and each page is 64K words long.
External memory space consists of four memory banks
(Banks3–0) and supports a wide variety of memory devices.
Each bank is selectable using unique memory select lines
(MS3–0) and has configurable page boundaries, wait states, and
wait state modes. The 4K words of on-chip boot ROM populates
the top of Page 255, while the remaining 254 pages are address-
able off-chip. I/O memory pages differ from external memory in
that they are 1K word long, and the external I/O pages have
their own select pin (IOMS). Pages 31–0 of I/O memory space
reside on-chip and contain the configuration registers for the
peripherals. Both the ADSP-2199x core and DMA capable
peripherals can access the entire memory map of the DSP.
NOTE: The physical external memory addresses are limited by
20 address lines, and are determined by the external data width
and packing of the external memory space. The strobe signals
(MS3-0) can be programmed to allow the user to change start-
ing page addresses at run time.
Internal (On-Chip) Memory
The ADSP-21990 unified program and data memory space con-
sists of 16M locations that are accessible through two 24-bit
address buses, the PMA and DMA buses. The DSP uses slightly
different mechanisms to generate a 24-bit address for each bus.
The DSP has three functions that support access to the full
memory map.
• The DAGs generate 24-bit addresses for data fetches from
the entire DSP memory address range. Because DAG index
(address) registers are 16 bits wide and hold the lower
16 bits of the address, each of the DAGs has its own 8-bit
page register (DMPGx) to hold the most significant eight
address bits. Before a DAG generates an address, the pro-
gram must set the DAG DMPGx register to the appropriate
memory page. The DMPG1 register is also used as a page
register when accessing external memory. The program
must set DMPG1 accordingly, when accessing data vari-
ables in external memory. A “C” program macro is
provided for setting this register.
• The program sequencer generates the addresses for
instruction fetches. For relative addressing instructions, the
program sequencer bases addresses for relative jumps, calls,
and loops on the 24-bit program counter (PC). In direct
addressing instructions (two word instructions), the
instruction provides an immediate 24-bit address value.
The PC allows linear addressing of the full 24-bit
address range.
• For indirect jumps and calls that use a 16-bit DAG address
register for part of the branch address, the program
sequencer relies on an 8-bit indirect jump page (IJPG) reg-
ister to supply the most significant eight address bits.
Before a cross page jump or call, the program must set the
program sequencer IJPG register to the appropriate mem-
ory page.
The ADSP-21990 has 4K words of on-chip ROM that holds
boot routines. The DSP starts executing instructions from the
on-chip boot ROM, which starts the boot process. For more
information, see Booting Modes on Page 13. The on-chip boot
ROM is located on Page 255 in the DSP memory space map,
starting at address 0xFF0000.
External (Off-Chip) Memory
Each of the ADSP-21990 off-chip memory spaces has a separate
control register, so applications can configure unique access
parameters for each space. The access parameters include read
and write wait counts, wait state completion mode, I/O clock
divide ratio, write hold time extension, strobe polarity, and data
bus width. The core clock and peripheral clock ratios influence
Figure 3. Core Memory Map at Reset
0x00 0000
0x00 0FFF
0x00 7FFF
0x00 8FFF
0x01 0000
0x40 0000
0x80 0000
0xC0 0000
0xFF 0000
0xFF 1000
0xFF FFFF
0x00 8000
0x00 1000
0x00 9000
0x00 FFFF
0xFF 0FFF
PAGE 0 (64K) ON-CHIP
(0 WAIT STATE)
EXTERNAL MEMORY
(4M – 64K)
PAGES 1 TO 63
BANK 0 (OFF-CHIP)
MS0
PAGE 255
(ON-CHIP)
EXTERNAL MEMORY
EXTERNAL MEMORY
PAGES 64 TO 127
BANK 1 (OFF-CHIP)
PAGES 128 TO 191
BANK 2 (OFF-CHIP)
PAGES 192 TO 254
BANK 0 (OFF-CHIP)
MS1
MS2
MS3
EXTERNAL MEMORY
(4M – 64K)
BLOCK 0: 4K
24-BIT RAM
RESERVED (28K)
RESERVED (28K)
BLOCK 1: 4K
16-BIT RAM
BLOCK 2: 4K
24-BIT
PM ROM
UNUSED ON-CHIP
MEMORY (60K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com