Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21990BBC Datasheet(PDF) 25 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 25 Page - Analog Devices

Back Button ADSP-21990BBC Datasheet HTML 21Page - Analog Devices ADSP-21990BBC Datasheet HTML 22Page - Analog Devices ADSP-21990BBC Datasheet HTML 23Page - Analog Devices ADSP-21990BBC Datasheet HTML 24Page - Analog Devices ADSP-21990BBC Datasheet HTML 25Page - Analog Devices ADSP-21990BBC Datasheet HTML 26Page - Analog Devices ADSP-21990BBC Datasheet HTML 27Page - Analog Devices ADSP-21990BBC Datasheet HTML 28Page - Analog Devices ADSP-21990BBC Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
ADSP-21990
Rev. A
|
Page 25 of 50
|
August 2007
Clock In and Clock Out Cycle Timing
Table 6 and Figure 7 describe clock and reset operations. Com-
binations of CLKIN and clock multipliers must not select
core/peripheral clocks in excess of 160 MHz/80 MHz for the
ADSP-21990BST and 150 MHz/75 MHz for the
ADSP-21990BBC, when the peripheral clock rate is one-half the
core clock rate. If the peripheral clock rate is equal to the core
clock rate, the maximum peripheral clock rate is 80 MHz for the
ADSP-21990BST and 75 MHz for the ADSP-21990BBC. The
peripheral clock is supplied to the CLKOUT pins.
When changing from bypass mode to PLL mode, allow 512
HCLK cycles for the PLL to stabilize.
Table 6. Clock In and Clock Out Cycle Timing
Parameter
Min
Max
Unit
Timing Requirements
tCK
CLKIN Period1, 2
10
200
ns
tCKL
CLKIN Low Pulse
4.5
ns
tCKH
CLKIN High Pulse
4.5
ns
tWRST
RESET Asserted Pulse Width Low
200tCLKOUT
ns
tMSS
MSELx/BYPASS Stable Before RESET Deasserted Setup
40
μs
tMSH
MSELx/BYPASS Stable After RESET Deasserted Hold
1000
ns
tMSD
MSELx/BYPASS Stable After RESET Asserted
200
ns
tPFD
Flag Output Disable Time After RESET Asserted
10
ns
Switching Characteristics
tCKOD
CLKOUT Delay from CLKIN
0
5.8
ns
tCKO
CLKOUT Period3
12.5
ns
1 In clock multiplier mode and MSEL6–0 set for 1:1 (or CLKIN = CCLK), tCK = tCCLK.
2 In bypass mode, tCK = tCCLK.
3 CLKOUT jitter can be as great as 8 ns when CLKOUT frequency is less than 20 MHz. For frequencies greater than 20 MHz, jitter is less than 1 ns.
Figure 7. Clock In and Clock Out Cycle Timing
tCKOD
CLKOUT
MSEL6–0
BYPASS
DF
RESET
CLKIN
tWRST
tCKH
tCK
tCKL
tMSH
tCKO
tPFD
tMSD
tMSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com